| 전자부품 데이터시트 검색엔진 |
|
GL600USB-A 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GL600USB-A 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers |
|
5 / 38 page ![]() 5 06/19/2000 GL600USB/GL600USB-A/GL600USB-B Revision 1.3 2 FUNCTIONAL OVERVIEW The GL600USB is a 8-bits RISC-like high performance microcontroller with a built-in 1.5Mbps SIE and transceiver. The microcontroller features 33 instructions optimized for USB applications. There are 64 bytes on-chip RAM and 1.75K x 14 program ROM incorporated into the microcontroller. The GL600USB accepts a 6MHz ceramic resonator or a crystal as its clock source. The microcontroller features 12 general purpose I/Os (GPIOs). 8 GPIO pins build in 4 bits ADC for photo-sensor input to remove the expensive process of matching LED and photo-sensor. Additionally, 2 GPIO pins are strong enough to drive LEDs. All GPIO ports feature low EMI emissions as a result of improved output drivers with slew-rate control. Micro- controller USB Registers & FIFO Control Endpoint 0 8 Bytes FIFO Endpoint 1 8 Bytes FIFO USB Interface D+ D- Figure 2-1 Block Diagram of GL600USB |