전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC9350D 데이터시트(PDF) 3 Page - Motorola, Inc

부품명 MPC9350D
상세설명  LOW VOLTAGE PLL CLOCK DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9350D 데이터시트(HTML) 3 Page - Motorola, Inc

  MPC9350D Datasheet HTML 1Page - Motorola, Inc MPC9350D Datasheet HTML 2Page - Motorola, Inc MPC9350D Datasheet HTML 3Page - Motorola, Inc MPC9350D Datasheet HTML 4Page - Motorola, Inc MPC9350D Datasheet HTML 5Page - Motorola, Inc MPC9350D Datasheet HTML 6Page - Motorola, Inc MPC9350D Datasheet HTML 7Page - Motorola, Inc MPC9350D Datasheet HTML 8Page - Motorola, Inc MPC9350D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MPC9350
TIMING SOLUTIONS
3
MOTOROLA
PIN CONFIGURATION
Pin
I/O
Type
Function
XTAL1, XTAL2
Input
Analog
Crystal oscillator terminals
TCLK
Input
LVCMOS
Single ended reference clock signal or test clock
FBSEL
Input
LVCMOS
Selects feedback divider ratio
REF_SEL
Input
LVCMOS
Selects input reference source
FSELA
Input
LVCMOS
Output A divider selection
FSELB
Input
LVCMOS
Output B divider selection
FSELC
Input
LVCMOS
Outputs C divider selection
FSELD
Input
LVCMOS
Outputs D divider selection
OE
Input
LVCMOS
Output enable/disable
QA
Output
LVCMOS
Bank A clock output
QB
Output
LVCMOS
Bank B clock output
QC0, QC1
Output
LVCMOS
Bank C clock outputs
QD0 - QD4
Output
LVCMOS
Bank D clock outputs
GND
Supply
Ground
Negative power supply
VCCA
Supply
VCC
Positive power supply for the PLL
VCC
Supply
VCC
Positive power supply for I/O and core
FUNCTION TABLE
Control
Default
0
1
REF_SEL
0
Selects XTAL
Selects TCLK
PLL_EN
1
Test mode with PLL disabled. The input clock is
directly routed to the output dividers
PLL enabled. The VCO output is routed to the
output dividers
FBSEL
0
Selects feedback divider
÷ 32
VCO = 32 * Input reference clock
Selects feedback divider
÷ 16
VCO = 16 * Input reference clock
OE
0
Outputs enabled
Outputs disabled
FSELA
0
QA = VCO
÷ 2
QA = VCO
÷ 4
FSELB
0
QB = VCO
÷ 4
QB = VCO
÷ 8
FSELC
0
QC = VCO
÷ 4
QC = VCO
÷ 8
FSELD
0
QD = VCO
÷ 4
QD = VCO
÷ 8
ABSOLUTE MAXIMUM RATINGSa
Symbol
Characteristics
Min
Max
Unit
Condition
VCC
Supply Voltage
-0.3
4.6
V
VIN
DC Input Voltage
-0.3
VCC+0.3
V
VOUT
DC Output Voltage
-0.3
VCC+0.3
V
IIN
DC Input Current
±20
mA
IOUT
DC Output Current
±50
mA
TS
Storage temperature
-40
125
°C
a. Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these conditions
or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not
implied.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com