전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HVP8 데이터시트(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

부품명 HVP8
상세설명  8.0kV 750mA HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
홈페이지  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HVP8 데이터시트(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HVP8 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maximum Reverse Recovery Time
Trr
at 25°C
---
nS
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
750
125
125
-40 to +125
Units
kV
mA
Apeak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,VR
Units
V
µA
µA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
=0V,f=1MHz
---
HVP-8
HVP-8
9.0
100
5.0
50
8
pF
=IF(AV)
=VRRM
=VRRM
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2014
Features
Applications
Absolute Maximum Ratings
Outline Drawings : mm
HVP-8
Cathode Mark
Type
Mark
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
Rectifier Blocks
High Voltage
Mounting
Slots
HVP-SERIES
HIGH VOLTAGE RECTIFIER BLOCKS WITH
MOUNTING SLOTS.
HVP-8
38.5
19.0
19.0
6.5
0.8X6.3
7.5
76.2
42.0
4.0
8.0
HVGT
www.getedz.com
Maximum Ratings and Characteristics
HVGT
8.0kV 750mA HIGH VOLTAGE DIODES
HVP-8
HVGT


유사한 부품 번호 - HVP8

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
HVP8 RECTRON-HVP8 Datasheet
23Kb / 2P
HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.75 Amperes)
logo
Leshan Radio Company
HVP8 LRC-HVP8 Datasheet
51Kb / 2P
HIGH-VOLTAGE DIODES
logo
MIC GROUP RECTIFIERS
HVP8 MIC-HVP8 Datasheet
114Kb / 1P
HIGH VOLTAGE RECTIFIER
logo
Leshan Radio Company
HVP8 LRC-HVP8 Datasheet
201Kb / 4P
Controlled avalanche characteristic combined Low forward voltage drop
More results

유사한 설명 - HVP8

제조업체부품명데이터시트상세설명
logo
GETAI ELECTRONICS DEVIC...
HVP-16 GETEDZ-HVP-16 Datasheet
127Kb / 1P
16kV 750mA HIGH VOLTAGE DIODES
JB08 GETEDZ-JB08 Datasheet
68Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
ESJA54-08A GETEDZ-ESJA54-08A Datasheet
68Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
ESJA08-08 GETEDZ-ESJA08-08 Datasheet
68Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
ESJA58-08A GETEDZ-ESJA58-08A Datasheet
68Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
HC8 GETEDZ-HC8 Datasheet
120Kb / 1P
8.0kV 1.0A HIGH VOLTAGE DIODES
ESJA58-08A GETEDZ-ESJA58-08A_16 Datasheet
71Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
JB08 GETEDZ-JB08_16 Datasheet
71Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
HC08 GETEDZ-HC08 Datasheet
161Kb / 1P
8.0kV 1.0A HIGH VOLTAGE DIODES
HVP20 GETEDZ-HVP20 Datasheet
159Kb / 1P
20kV 750mA HIGH VOLTAGE DIODES
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com