전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB10FN 데이터시트(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

부품명 MB10FN
상세설명  SINGLE PHASE 0.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DYELEC [DIYI Electronic Technology Co., Ltd.]
홈페이지  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

MB10FN 데이터시트(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  MB10FN Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. MB10FN Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Typical Thermal Resistance per leg
Plastic material-UL flammability 94V-0
FIER
SINGLE PHASE 0.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
SYMBOL MB05FN MB1FN MB2FN MB4FN MB6FN MB8FN MB10FN
V RRM
VRWM
VDC
VRMS
35
70
140
280
420
560
700
VFM
RθJA
RθJL
TJ,TSTG
Rating at 25℃ ambient temperature unless otherwise specified.
0.5
Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
Operating and Storage Temperature Range
RMS Reverse Voltage
-55to+150
℃
Note:1.
uA
Typical Junction Capacitance per leg
13
pF
120
40
℃/W
IR
5.0
500
A
Forward Voltage per element
@IF=0.5A
0.95
V
IFSM
25
UNITS
V
V
IO
A
1000
100
200
400
600
800
50
For capacitive load, derate current by 20%.
TYPE NUMBER
MB05FN THRU MB10FN
Features
Maximum Ratings and Electrical Characteristics
· Glass passivated die construction
Single Phase, half wave, 60Hz, resistive or inductive load.
· Low forward voltage drop
· High current capability
· High surge current capability
· Designed for surface mount application
·
Mechanical Data
· Marking: type number
· Lead Free: For RoHS / Lead Free Version,
· Case: MB-F, molded plastic
· Terminals: plated leads solderable per
MIL-STD-202, Method 208
· Polarity: as marked on case
· Mounting position: Any
Average Rectified Output Current @TA=40℃
At Rated DC Blocking Voltage
@T =125
Peak Reverse Current
@T =25 ℃
℃
A
A
CJ
(Note1)
1 of 2
version:01
www.dyelec.com
dimensions in inches and (millimeters)


유사한 부품 번호 - MB10FN

제조업체부품명데이터시트상세설명
logo
PACELEADER INDUSTRIAL
MB10F PACELEADER-MB10F Datasheet
241Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Flat Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
MB10F PFS-MB10F Datasheet
588Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Luguang Electr...
MB10F LUGUANG-MB10F Datasheet
183Kb / 2P
Silicon Bridge Rectifiers
logo
Formosa MS
MB10F FORMOSA-MB10F Datasheet
197Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
MB10F JUXING-MB10F Datasheet
940Kb / 2P
Miniature Glas Passivated Single-Phase
More results

유사한 설명 - MB10FN

제조업체부품명데이터시트상세설명
logo
Shanghai Lunsure Electr...
MB05M CHENYI-MB05M Datasheet
70Kb / 2P
0.5Amp single phase glass passivated bridge retifier 50to1000 volts
logo
PACELEADER INDUSTRIAL
DF15005S PACELEADER-DF15005S Datasheet
150Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS SINGLE-PHASE GLASS BRIDGE
logo
CHENG-YI ELECTRONIC CO....
DF15005S CHENG-YI-DF15005S Datasheet
125Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS SINGLE-PHASE GLASS BRIDGE
logo
Pan Jit International I...
DI150S PANJIT-DI150S_15 Datasheet
112Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
MB05MN DYELEC-MB05MN Datasheet
1Mb / 2P
SINGLE PHASE 0.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB05SN DYELEC-MB05SN Datasheet
1Mb / 2P
SINGLE PHASE 0.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chip Integration Techno...
AB2S CITC-AB2S Datasheet
574Kb / 4P
Single Phase 0.5AMP Surface Mount Glass Passivated Bridge Rectifiers
logo
GOOD-ARK Electronics
E92205A GOOD-ARK-E92205A Datasheet
251Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92207A GOOD-ARK-E92207A Datasheet
239Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92305A GOOD-ARK-E92305A Datasheet
241Kb / 3P
Surface Mount Glass Passivated Single Phase Bridge Rectifier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com