전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L201 데이터시트(PDF) 4 Page - C&K Components

부품명 L201
상세설명  Miniature Slide Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CK-COMPONENTS [C&K Components]
홈페이지  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

L201 데이터시트(HTML) 4 Page - C&K Components

  L201 Datasheet HTML 1Page - C&K Components L201 Datasheet HTML 2Page - C&K Components L201 Datasheet HTML 3Page - C&K Components L201 Datasheet HTML 4Page - C&K Components L201 Datasheet HTML 5Page - C&K Components L201 Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
I–22
Dimensions
are shown: Inch (mm)
Specifications and dimensions subject to
change
www.ck-components.com
I
.425
(10,80)
7
6
5
.160 TYP
(4,06)
TRAVEL
.125
(3,18)
1.000
(25,40)
.941
(23,90)
.200
(5,08)
.200
(5,08)
.070 TYP
(1,78)
.240
(6,10)
.181
(4,60)
TYP
.358
(9,09)
1.000
(25,40)
.135
(3,43)
.110 DIA
(2,79ø)
.530
(13,46)
0.080
(2,03)
FULL R
TYP.
0.250
(6,35)
ø
ø 0.100 TYP
(2,54)
2X 0.218
(5,53)
2X 0.050
(1,27)
0.100
(2,54)
1.000
(25,40)
L Series
Miniature Slide Switches
MV RIGHT ANGLE, PC THRU-HOLE
ML RIGHT ANGLE, PC THRU-HOLE
L102021ML04Q
Horizontal Actuation
SPDT
L212132MV02Q
DPDT
AVAILABLE WITH:
Models: L101, L102, L112
Terminations: 04
Actuators: 01, 02, 05, 11 and 12
PC MOUNTING
For mounting information, see
TERMINATIONS section, page I-23.
Splash caps are available separately
and reusable, see page I-24.
AVAILABLE WITH:
Models: L112 and L212
Terminations: 02, 06, 10 and 12
Actuators: 13 thru 19
PC MOUNTING
For mounting information, see
TERMINATIONS section, page I-23.
Splash caps are available separately
and reusable, see page I-24.
MOUNTING STYLE
TS PANEL WITH INTEGRAL MOUNTING EARS
AVAILABLE WITH:
Models: L103, L113, L123 and L203
Terminations: 01, 02, 03, 06, 10, 12
Actuators: 01, 02, 03, 05, 11 and 12
L202011SS03Q
DPDT
L203011TS03Q
DP3T
.110 DIA
(2,79ø) TYP
.360
(9,14)
1.000
(25,40)
.135
(3,43)
.225
(5,72)
.760
(19,30)
.181 TYP
(4,60)
.358
(9,09)
.070 TYP
(1,78)
.240
(6,10)
.050
(1,27)
.200
(5,08)
.200
(5,08)
1.200
(30,48)
1.000
(25,40)
.425
(10,60)
.125
(3,18)
.150
(3,81)
TRAVEL
6
5
4
3
2
1
6
5
4
ø .100
(2,54)
AVAILABLE WITH:
Models: L101, L102, L112, L201 and L202
Terminations: 01, 02, 03, 06, 10, 12
Actuators: 01, 02, 03, 05, 11 and 12
SS PANEL WITH MOUNTING EARS
PANEL MOUNTING
PANEL MOUNTING



Html Pages

1 2 3 4 5 6