전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP02N40H 데이터시트(PDF) 2 Page - Advanced Power Electronics Corp.

부품명 AP02N40H
상세설명  Fast Switching Characteristic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  A-POWER [Advanced Power Electronics Corp.]
홈페이지  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP02N40H 데이터시트(HTML) 2 Page - Advanced Power Electronics Corp.

  AP02N40H Datasheet HTML 1Page - Advanced Power Electronics Corp. AP02N40H Datasheet HTML 2Page - Advanced Power Electronics Corp. AP02N40H Datasheet HTML 3Page - Advanced Power Electronics Corp. AP02N40H Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=1mA
400
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
3
VGS=10V, ID=0.7A
-
-
5
Ω
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
2
-
4
V
gfs
Forward Transconductance
VDS=10V, ID=1A
-
1.5
-
S
IDSS
Drain-Source Leakage Current
VDS=400V, VGS=0V
-
-
25
uA
Drain-Source Leakage Current (Tj=125
oC) VDS=320V, VGS=0V
-
-
250
uA
IGSS
Gate-Source Leakage
VGS=+30V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
3
ID=1A
-
6.4
10
nC
Qgs
Gate-Source Charge
VDS=320V
-
1.2
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=10V
-
3.2
-
nC
td(on)
Turn-on Delay Time
3
VDD=200V
-
8
-
ns
tr
Rise Time
ID=1A
-
9
-
ns
td(off)
Turn-off Delay Time
RG=50Ω,VGS=10V
-
21
-
ns
tf
Fall Time
RD=200Ω
-12
-
ns
Ciss
Input Capacitance
VGS=0V
-
180
300
pF
Coss
Output Capacitance
VDS=25V
-
22
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
5.6
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VSD
Forward On Voltage
3
IS=1.6A, VGS=0V
-
-
1.5
V
trr
Reverse Recovery Time
3
IS=1A, VGS=0V,
-
150
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
680
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Starting Tj=25
oC , V
DD=50V , L=10mH , RG=25Ω
3.Pulse test
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
2
AP02N40H/J
4.Surface mounted on 1 in
2 copper pad of FR4 board



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com