전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L-290 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 L-290
상세설명  TACHOMETER CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L-290 데이터시트(HTML) 7 Page - STMicroelectronics

  L-290 Datasheet HTML 1Page - STMicroelectronics L-290 Datasheet HTML 2Page - STMicroelectronics L-290 Datasheet HTML 3Page - STMicroelectronics L-290 Datasheet HTML 4Page - STMicroelectronics L-290 Datasheet HTML 5Page - STMicroelectronics L-290 Datasheet HTML 6Page - STMicroelectronics L-290 Datasheet HTML 7Page - STMicroelectronics L-290 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
0.77
1.65
0.030
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
17.78
0.700
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
0.050
DIP-16 PLASTIC PACKAGE MECHANICAL DATA
7/8
L290



Html Pages

1 2 3 4 5 6 7 8