전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISO7710FDW 데이터시트(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
부품명 ISO7710FDW
상세설명  ISO7710 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7710FDW 데이터시트(HTML) 18 Page - Texas Instruments

Back Button ISO7710FDW Datasheet HTML 14Page - Texas Instruments ISO7710FDW Datasheet HTML 15Page - Texas Instruments ISO7710FDW Datasheet HTML 16Page - Texas Instruments ISO7710FDW Datasheet HTML 17Page - Texas Instruments ISO7710FDW Datasheet HTML 18Page - Texas Instruments ISO7710FDW Datasheet HTML 19Page - Texas Instruments ISO7710FDW Datasheet HTML 20Page - Texas Instruments ISO7710FDW Datasheet HTML 21Page - Texas Instruments ISO7710FDW Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
985
1.5 M
IN
VCC1
VCC1
VCC1
Input (Devices without F suffix)
985
1.5 M
IN
VCC1
VCC1
VCC1
VCC1
Input (Devices with F suffix)
Output
VCC2
~20
OUT
Copyright © 2016, Texas Instruments Incorporated
18
ISO7710
SLLSER9A – NOVEMBER 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ISO7710
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
PU = Powered up (VCC ≥ 2.25 V); PD = Powered down (VCC ≤ 1.7 V); X = Irrelevant; H = High level; L = Low level
(2)
A strongly driven input signal can weakly power the floating VCC via an internal protection diode and cause undetermined output.
(3)
The outputs are in undetermined state when 1.7 V < VCC1, VCC2 < 2.25 V.
8.4 Device Functional Modes
Table 2 lists the functional modes of ISO7710 device.
Table 2. Function Table(1)
VCC1
VCC2
INPUT
(IN)(2)
OUTPUT
(OUT)
COMMENTS
PU
PU
H
H
Normal Operation:
A channel output assumes the logic state of its input.
L
L
Open
Default
Default mode: When IN is open, the corresponding channel output goes to its
default logic state. Default is High for ISO7710 and Low for ISO7710F.
PD
PU
X
Default
Default mode: When VCC1 is unpowered, a channel output assumes the logic
state based on the selected default option. Default is High for ISO7710 and
Low for ISO7710F.
When VCC1 transitions from unpowered to powered-up, a channel output
assumes the logic state of its input.
When VCC1 transitions from powered-up to unpowered, channel output
assumes the selected default state.
X
PD
X
Undetermined
When VCC2 is unpowered, a channel output is undetermined
(3).
When VCC2 transitions from unpowered to powered-up, a channel output
assumes the logic state of its input
8.4.1 Device I/O Schematics
Figure 16. Device I/O Schematics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com