전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

831724 데이터시트(PDF) 13 Page - Integrated Device Technology

부품명 831724
상세설명  Differential Clock/Data Multiplexer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

831724 데이터시트(HTML) 13 Page - Integrated Device Technology

Back Button 831724 Datasheet HTML 9Page - Integrated Device Technology 831724 Datasheet HTML 10Page - Integrated Device Technology 831724 Datasheet HTML 11Page - Integrated Device Technology 831724 Datasheet HTML 12Page - Integrated Device Technology 831724 Datasheet HTML 13Page - Integrated Device Technology 831724 Datasheet HTML 14Page - Integrated Device Technology 831724 Datasheet HTML 15Page - Integrated Device Technology 831724 Datasheet HTML 16Page - Integrated Device Technology 831724 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
©2016 Integrated Device Technology, Inc
Revision B November 16, 2016
831724 Datasheet
Applications Information
Recommendations for Unused Input and Output Pins
Inputs:
LVCMOS Control Pins
All control pins have internal pullup or pulldown; additional
resistance is not required but can be added for additional protection.
A 1k
 resistor can be used.
CLK/nCLK Inputs
For applications requiring only one differential input, the unused
CLK/nCLK input can be left floating. Though not required, but for
additional protection, a 1k
 resistor can be tied from CLK to ground.
Outputs:
Differential OutputS
The unused differential outputs can be left floating. We recommend
that there is no trace attached. Both sides of the differential output
pair should either be left floating or terminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22