| 전자부품 데이터시트 검색엔진 |
|
KWS-R-40 데이터시트(PDF) 1 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
KWS-R-40 데이터시트(HTML) 1 Page - Cooper Bussmann, Inc. |
|
1 / 4 page ![]() Technical Data 10413 Effective August 2015 Supersedes July, 2015 BUSSMANN SERIES 250V KWN-R and 600V KWS-R Class RK1 fuses Catalog symbols: • KWN-R-(amp) 250V • KWS-R-(amp) 600V Description: 250V KWN-R and 600V KWS-R fast-acting Limitron™ fuses are UL Listed as Class RK1 fuses. They are dual voltage rated and can be applied at 250Vac/dc and 600Vac/dc respectively with interrupting ratings of 200kA AC and 20kA DC. Ratings • Volts • 250Vac/dc KWN-R • 600Vac/dc KWS-R • Amps 1-60A • Interrupting rating • 200kA AC • 20kA DC Agency information • CE • UL Listed, Std. 248-12, Class RK1, Guide JDDZ, File E4273 • CSA Certified, C22.2 No. 248.12, Class 1422-02, File 53787 250V KWN-R catalog numbers (amp) KWN-R-1 KWN-R-15 KWN-R-50 KWN-R-3 KWN-R-20 KWN-R-60 KWN-R-5 KWN-R-25 KWN-R-6 KWN-R-30 KWN-R-10 KWN-R-40 600V KWS-R catalog numbers (amp) KWS-R-1 KWS-R-15 KWS-R-40 KWS-R-3 KWS-R-20 KWS-R-50 KWS-R-5 KWS-R-25 KWS-R-60 KWS-R-6 KWS-R-30 KWS-R-10 KWS-R-35 KWN-R and KWS-R Carton quantity Amp rating Carton qty. 1–60 10 |
유사한 부품 번호 - KWS-R-40 |
|
유사한 설명 - KWS-R-40 |