| 전자부품 데이터시트 검색엔진 |
|
UB2 데이터시트(PDF) 10 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UB2 데이터시트(HTML) 10 Page - NEC |
|
10 / 12 page ![]() UA2/UB2 SERIES DATA SHEET ER0450EJ2V0DS00 10 SOLDERING TEMPERATURE CONDITION Through–hole mounting type (UA2) q Automatic soldering * Preheating : 100 °C max. 1 minute max. * Solder temperature : 250 °C max. * Solder time : 10 seconds max. w Manual soldering * Solder temperature : 350 °C max. * Solder time : 3 seconds max. Surface mounting type (UB2) Time T max.; 235 200 IRS Method Note: 1. Temperature profile shows printed circuit board surface temperature on the relay terminal portion. 2. Check the actual soldering condition to use other method except above mentioned temperature profiles. 175 150 200 sec. 80 sec. 30 sec. |