전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LDFM33PVR 데이터시트(PDF) 33 Page - STMicroelectronics

부품명 LDFM33PVR
상세설명  500 mA very low drop voltage regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDFM33PVR 데이터시트(HTML) 33 Page - STMicroelectronics

Back Button LDFM33PVR Datasheet HTML 28Page - STMicroelectronics LDFM33PVR Datasheet HTML 29Page - STMicroelectronics LDFM33PVR Datasheet HTML 30Page - STMicroelectronics LDFM33PVR Datasheet HTML 31Page - STMicroelectronics LDFM33PVR Datasheet HTML 32Page - STMicroelectronics LDFM33PVR Datasheet HTML 33Page - STMicroelectronics LDFM33PVR Datasheet HTML 34Page - STMicroelectronics LDFM33PVR Datasheet HTML 35Page - STMicroelectronics LDFM33PVR Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
LDFM
Package information
DocID023585 Rev 4
33/36
Figure 40: DFN6 (3x3 mm) reel outline
Table 14: DFN6 (3x3) tape and reel mechanical data
Dim.
mm
Min.
Typ.
Max.
A0
3.20
3.30
3.40
B0
3.20
3.30
3.40
K0
1
1.10
1.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36