| 전자부품 데이터시트 검색엔진 |
|
LDK220M30R 데이터시트(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LDK220M30R 데이터시트(HTML) 6 Page - STMicroelectronics |
|
6 / 28 page ![]() Maximum ratings LDK220 6/28 DocID026015 Rev 4 4 Maximum ratings Table 4: Absolute maximum ratings Symbol Parameter Value Unit VIN DC input voltage - 0.3 to 14 V VOUT DC output voltage - 0.3 to VI + 0.3 V VEN Enable input voltage - 0.3 to VI + 0.3 V VADJ ADJ pin voltage - 0.3 to 2 V IOUT Output current Internally limited mA PD(1) Power dissipation 500 mW TSTG Storage temperature range - 65 to 150 °C TOP Operating junction temperature range - 40 to 125 °C Notes: (1) Maximum power dissipation has to be calculated taking into account the package thermal performance. Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. All values are referred to GND. Table 5: Thermal data Symbol Parameter SOT23-5L SOT323-5L SOT-89 DFN-6 Unit RthJA Thermal resistance junction-ambient 160 246 110 237 °C/W RthJC Thermal resistance junction-case 68 134 15 104 °C/W |