전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LDL112D18R 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 LDL112D18R
상세설명  1.2 A low quiescent current LDO with reverse current protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDL112D18R 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button LDL112D18R Datasheet HTML 11Page - STMicroelectronics LDL112D18R Datasheet HTML 12Page - STMicroelectronics LDL112D18R Datasheet HTML 13Page - STMicroelectronics LDL112D18R Datasheet HTML 14Page - STMicroelectronics LDL112D18R Datasheet HTML 15Page - STMicroelectronics LDL112D18R Datasheet HTML 16Page - STMicroelectronics LDL112D18R Datasheet HTML 17Page - STMicroelectronics LDL112D18R Datasheet HTML 18Page - STMicroelectronics LDL112D18R Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
LDL112
Package information
DocID026319 Rev 2
15/32
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
8.1
DFN6 (3x3) package information
Figure 27: DFN6 (3x3) package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32