| 전자부품 데이터시트 검색엔진 |
|
LSM6DSL 데이터시트(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSL 데이터시트(HTML) 40 Page - STMicroelectronics |
|
40 / 113 page ![]() Digital interfaces LSM6DSL 40/113 DocID028475 Rev 5 6.4.1 SPI read Figure 10. SPI read protocol The SPI Read command is performed with 16 clock pulses. A multiple byte read command is performed by adding blocks of 8 clock pulses to the previous one. bit 0: READ bit. The value is 1. bit 1-7: address AD(6:0). This is the address field of the indexed register. bit 8-15: data DO(7:0) (read mode). This is the data that will be read from the device (MSb first). bit 16-...: data DO(...-8). Further data in multiple byte reads. Figure 11. Multiple byte SPI read protocol (2-byte example) |