전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L051R6 데이터시트(PDF) 40 Page - STMicroelectronics

부품명 STM32L051R6
상세설명  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L051R6 데이터시트(HTML) 40 Page - STMicroelectronics

Back Button STM32L051R6 Datasheet HTML 36Page - STMicroelectronics STM32L051R6 Datasheet HTML 37Page - STMicroelectronics STM32L051R6 Datasheet HTML 38Page - STMicroelectronics STM32L051R6 Datasheet HTML 39Page - STMicroelectronics STM32L051R6 Datasheet HTML 40Page - STMicroelectronics STM32L051R6 Datasheet HTML 41Page - STMicroelectronics STM32L051R6 Datasheet HTML 42Page - STMicroelectronics STM32L051R6 Datasheet HTML 43Page - STMicroelectronics STM32L051R6 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 127 page
background image
Pin descriptions
STM32L051x6 STM32L051x8
40/127
DocID025938 Rev 6
30
H7
22
D2
-
-
PB11
I/O
FT
-
EVENTOUT,
TIM2_CH4,
LPUART1_RX,
I2C2_SDA
-
31
D6
23
-
16
-
VSS
S
-
-
-
-
32
E6
24
F1
17
17
VDD
S
-
-
-
-
33
H8
25
-
-
-
PB12
I/O
FT
-
SPI2_NSS/I2S2_WS,
LPUART1_RTS_DE,
EVENTOUT
-
34
G8
26
-
-
-
PB13
I/O
FTf
-
SPI2_SCK/I2S2_CK,
LPUART1_CTS,
I2C2_SCL,
TIM21_CH1
-
35
F8
27
-
-
-
PB14
I/O
FTf
-
SPI2_MISO/I
2S2_MCK,
RTC_OUT,
LPUART1_RTS_DE,
I2C2_SDA,
TIM21_CH2
-
36
F7
28
-
-
-
PB15
I/O
FT
-
SPI2_MOSI/I2S2_SD
, RTC_REFIN
-
37
F6
-
-
-
-
PC6
I/O
FT
-
TIM22_CH1
-
38
E7
-
-
-
-
PC7
I/O
FT
-
TIM22_CH2
-
39
E8
-
-
-
-
PC8
I/O
FT
-
TIM22_ETR
-
40
D8
-
-
-
-
PC9
I/O
FT
-
TIM21_ETR
-
41
D7
29
E1
18
18
PA8
I/O
FT
-
MCO, EVENTOUT,
USART1_CK
-
42
C7
30
D1
19
19
PA9
I/O
FT
-
MCO, USART1_TX
-
43
C6
31
C1
20
20
PA10
I/O
FT
-
USART1_RX
-
44
C8
32
C2
21
21
PA11
I/O
FT
-
SPI1_MISO,
EVENTOUT,
USART1_CTS,
COMP1_OUT
-
Table 15. STM32L051x6/8 pin definitions (continued)
Pin Number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More