전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L051T6 데이터시트(PDF) 38 Page - STMicroelectronics

부품명 STM32L051T6
상세설명  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L051T6 데이터시트(HTML) 38 Page - STMicroelectronics

Back Button STM32L051T6 Datasheet HTML 34Page - STMicroelectronics STM32L051T6 Datasheet HTML 35Page - STMicroelectronics STM32L051T6 Datasheet HTML 36Page - STMicroelectronics STM32L051T6 Datasheet HTML 37Page - STMicroelectronics STM32L051T6 Datasheet HTML 38Page - STMicroelectronics STM32L051T6 Datasheet HTML 39Page - STMicroelectronics STM32L051T6 Datasheet HTML 40Page - STMicroelectronics STM32L051T6 Datasheet HTML 41Page - STMicroelectronics STM32L051T6 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 127 page
background image
Pin descriptions
STM32L051x6 STM32L051x8
38/127
DocID025938 Rev 6
4B1
4
B6
3
3
PC15-
OSC32_OUT
(PC15)
I/O
TC
-
-
OSC32_OUT
5C1
5
-
-
-
PH0-OSC_IN
(PH0)
I/O
TC
-
-
OSC_IN
6D1
6
-
-
-
PH1-
OSC_OUT
(PH1)
I/O
TC
-
-
OSC_OUT
7
E1
7
C6
4
4
NRST
I/O
RST
-
-
-
8E3
-
-
-
-
PC0
I/O
FT
-
LPTIM1_IN1,
EVENTOUT
ADC_IN10
9E2
-
-
-
-
PC1
I/O
FT
-
LPTIM1_OUT,
EVENTOUT
ADC_IN11
10
F2
-
-
-
-
PC2
I/O
FT
-
LPTIM1_IN2,
SPI2_MISO/I2S2_M
CK
ADC_IN12
11
--
--
-
PC3
I/O
FT
-
LPTIM1_ETR,
SPI2_MOSI/I2S2_SD
ADC_IN13
12
F1
8
-
-
-
VSSA
S
-
-
-
-
G1
-
E6
-
-
VREF+
S
-
-
-
13
H1
9
D5
5
5
VDDA
S
-
-
-
14
G2
10
D4
6
6
PA0
I/O
TC
-
TIM2_CH1,
USART2_CTS,
TIM2_ETR,
COMP1_OUT
COMP1_INM6,
ADC_IN0,
RTC_TAMP2/WKU
P1
15
H2
11
F6
7
7
PA1
I/O
FT
-
EVENTOUT,
TIM2_CH2,
USART2_RTS_DE,
TIM21_ETR
COMP1_INP,
ADC_IN1
16
F3
12
E5
8
8
PA2
I/O
FT
-
TIM21_CH1,
TIM2_CH3,
USART2_TX,
COMP2_OUT
COMP2_INM6,
ADC_IN2
Table 15. STM32L051x6/8 pin definitions (continued)
Pin Number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More