전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L052R6 데이터시트(PDF) 42 Page - STMicroelectronics

부품명 STM32L052R6
상세설명  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash memory, 8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L052R6 데이터시트(HTML) 42 Page - STMicroelectronics

Back Button STM32L052R6 Datasheet HTML 38Page - STMicroelectronics STM32L052R6 Datasheet HTML 39Page - STMicroelectronics STM32L052R6 Datasheet HTML 40Page - STMicroelectronics STM32L052R6 Datasheet HTML 41Page - STMicroelectronics STM32L052R6 Datasheet HTML 42Page - STMicroelectronics STM32L052R6 Datasheet HTML 43Page - STMicroelectronics STM32L052R6 Datasheet HTML 44Page - STMicroelectronics STM32L052R6 Datasheet HTML 45Page - STMicroelectronics STM32L052R6 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 136 page
background image
Pin descriptions
STM32L052x6 STM32L052x8
42/136
DocID025936 Rev 6
--
-
5
5
C1
PH0-OSC_IN
(PH0)
I/O
TC
-
USB_CRS_SYNC
OSC_IN
--
-
6
6
D1
PH1-OSC_OUT
(PH1)
I/O
TC
-
-
OSC_OUT
4
4
C6
7
7
E1
NRST
I/O
RST
-
-
-
--
-
-
8
E3
PC0
I/O
FT
-
LPTIM1_IN1,
EVENTOUT,
TSC_G7_IO1
ADC_IN10
--
-
-
9
E2
PC1
I/O
FT
-
LPTIM1_OUT,
EVENTOUT,
TSC_G7_IO2
ADC_IN11
-
-
-
-
10
F2
PC2
I/O
FT
-
LPTIM1_IN2,
SPI2_MISO/I2S2_MC
K, TSC_G7_IO3
ADC_IN12
--
-
-
11
-
PC3
I/O
FT
-
LPTIM1_ETR,
SPI2_MOSI/I2S2_SD,
TSC_G7_IO4
ADC_IN13
-
-
-
8
12
F1
VSSA
S
-
-
-
-
-
-
E6
-
-
G1
VREF+
S
-
-
-
-
5
5
D5
9
13
H1
VDDA
S
-
-
-
-
6
6
D4
10
14
G2
PA0
I/O
TC
-
TIM2_CH1,
TSC_G1_IO1,
USART2_CTS,
TIM2_ETR,
COMP1_OUT
COMP1_INM6
, ADC_IN0,
RTC_TAMP2/
WKUP1
7
7
F6
11
15
H2
PA1
I/O
FT
-
EVENTOUT,
TIM2_CH2,
TSC_G1_IO2,
USART2_RTS_DE,
TIM21_ETR
COMP1_INP,
ADC_IN1
8
8
E5
12
16
F3
PA2
I/O
FT
-
TIM21_CH1,
TIM2_CH3,
TSC_G1_IO3,
USART2_TX,
COMP2_OUT
COMP2_INM6
, ADC_IN2
Table 16. STM32L052x6/8 pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More