| 전자부품 데이터시트 검색엔진 |
|
STM32L052T6 데이터시트(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L052T6 데이터시트(HTML) 42 Page - STMicroelectronics |
|
42 / 136 page ![]() Pin descriptions STM32L052x6 STM32L052x8 42/136 DocID025936 Rev 6 -- - 5 5 C1 PH0-OSC_IN (PH0) I/O TC - USB_CRS_SYNC OSC_IN -- - 6 6 D1 PH1-OSC_OUT (PH1) I/O TC - - OSC_OUT 4 4 C6 7 7 E1 NRST I/O RST - - - -- - - 8 E3 PC0 I/O FT - LPTIM1_IN1, EVENTOUT, TSC_G7_IO1 ADC_IN10 -- - - 9 E2 PC1 I/O FT - LPTIM1_OUT, EVENTOUT, TSC_G7_IO2 ADC_IN11 - - - - 10 F2 PC2 I/O FT - LPTIM1_IN2, SPI2_MISO/I2S2_MC K, TSC_G7_IO3 ADC_IN12 -- - - 11 - PC3 I/O FT - LPTIM1_ETR, SPI2_MOSI/I2S2_SD, TSC_G7_IO4 ADC_IN13 - - - 8 12 F1 VSSA S - - - - - - E6 - - G1 VREF+ S - - - - 5 5 D5 9 13 H1 VDDA S - - - - 6 6 D4 10 14 G2 PA0 I/O TC - TIM2_CH1, TSC_G1_IO1, USART2_CTS, TIM2_ETR, COMP1_OUT COMP1_INM6 , ADC_IN0, RTC_TAMP2/ WKUP1 7 7 F6 11 15 H2 PA1 I/O FT - EVENTOUT, TIM2_CH2, TSC_G1_IO2, USART2_RTS_DE, TIM21_ETR COMP1_INP, ADC_IN1 8 8 E5 12 16 F3 PA2 I/O FT - TIM21_CH1, TIM2_CH3, TSC_G1_IO3, USART2_TX, COMP2_OUT COMP2_INM6 , ADC_IN2 Table 16. STM32L052x6/8 pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |