전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L051x8 데이터시트(PDF) 39 Page - STMicroelectronics

부품명 STM32L051x8
상세설명  Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L051x8 데이터시트(HTML) 39 Page - STMicroelectronics

Back Button STM32L051x8 Datasheet HTML 35Page - STMicroelectronics STM32L051x8 Datasheet HTML 36Page - STMicroelectronics STM32L051x8 Datasheet HTML 37Page - STMicroelectronics STM32L051x8 Datasheet HTML 38Page - STMicroelectronics STM32L051x8 Datasheet HTML 39Page - STMicroelectronics STM32L051x8 Datasheet HTML 40Page - STMicroelectronics STM32L051x8 Datasheet HTML 41Page - STMicroelectronics STM32L051x8 Datasheet HTML 42Page - STMicroelectronics STM32L051x8 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 127 page
background image
DocID025938 Rev 6
39/127
STM32L051x6 STM32L051x8
Pin descriptions
45
17
G3
13
F5
9
9
PA3
I/O
FT
-
TIM21_CH2,
TIM2_CH4,
USART2_RX
COMP2_INP,
ADC_IN3
18
C2
-
-
-
-
VSS
S
-
-
-
19
D2
-
-
-
-
VDD
S
-
-
-
20
H3
14
E4
10
10
PA4
I/O
TC
(2)
SPI1_NSS,
USART2_CK,
TIM22_ETR
COMP1_INM4,
COMP2_INM4,
ADC_IN4
21
F4
15
F4
11
11
PA5
I/O
TC
-
SPI1_SCK,
TIM2_ETR,
TIM2_CH1
COMP1_INM5,
COMP2_INM5,
ADC_IN5
22
G4
16
E3
12
12
PA6
I/O
FT
-
SPI1_MISO,
LPUART1_CTS,
TIM22_CH1,
EVENTOUT,
COMP1_OUT
ADC_IN6
23
H4
17
F3
13
13
PA7
I/O
FT
-
SPI1_MOSI,
TIM22_CH2,
EVENTOUT,
COMP2_OUT
ADC_IN7
24
H5
-
-
-
-
PC4
I/O
FT
-
EVENTOUT,
LPUART1_TX
ADC_IN14
25
H6
-
-
-
-
PC5
I/O
FT
-
LPUART1_RX,
ADC_IN15
26
F5
18
D3
14
14
PB0
I/O
FT
-
EVENTOUT
ADC_IN8,
VREF_OUT
27
G5
19
C3
15
15
PB1
I/O
FT
-
LPUART1_RTS_DE
ADC_IN9,
VREF_OUT
28
G6
20
F2
-
16
PB2
I/O
FT
-
LPTIM1_OUT
-
29
G7
21
E2
-
-
PB10
I/O
FT
-
TIM2_CH3,
LPUART1_TX,
SPI2_SCK,
I2C2_SCL
-
Table 15. STM32L051x6/8 pin definitions (continued)
Pin Number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More