전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L052T8 데이터시트(PDF) 50 Page - STMicroelectronics

부품명 STM32L052T8
상세설명  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 64 KB Flash memory, 8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L052T8 데이터시트(HTML) 50 Page - STMicroelectronics

Back Button STM32L052T8 Datasheet HTML 46Page - STMicroelectronics STM32L052T8 Datasheet HTML 47Page - STMicroelectronics STM32L052T8 Datasheet HTML 48Page - STMicroelectronics STM32L052T8 Datasheet HTML 49Page - STMicroelectronics STM32L052T8 Datasheet HTML 50Page - STMicroelectronics STM32L052T8 Datasheet HTML 51Page - STMicroelectronics STM32L052T8 Datasheet HTML 52Page - STMicroelectronics STM32L052T8 Datasheet HTML 53Page - STMicroelectronics STM32L052T8 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 136 page
background image
Table 20. Alternate function port D
Port
AF0
LPUART1
Port D
PD2
LPUART1_RTS_DE
Table 21. Alternate function port H
Port
AF0
USB
Port H
PH0
USB_CRS_SYNC
PH1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More