| 전자부품 데이터시트 검색엔진 |
|
STM32L083X8 데이터시트(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L083X8 데이터시트(HTML) 17 Page - STMicroelectronics |
|
17 / 139 page ![]() DocID027070 Rev 3 17/139 STM32L083xx Functional overview 36 Table 5. Functionalities depending on the working mode (from Run/active down to standby) (1)(2) IPs Run/Active Sleep Low- power run Low- power sleep Stop Standby Wakeup capability Wakeup capability CPU Y -- Y -- -- -- Flash memory O O O O -- -- RAM Y Y Y Y Y -- Backup registers Y Y Y Y Y Y EEPROM O O O O -- -- Brown-out reset (BOR) OO O O O O O O DMA O O O O -- -- Programmable Voltage Detector (PVD) OO O O O O - Power-on/down reset (POR/PDR) YY Y Y Y Y Y Y High Speed Internal (HSI) OO -- -- (3) -- High Speed External (HSE) OO O O -- -- Low Speed Internal (LSI) OO O O O O Low Speed External (LSE) OO O O O O Multi-Speed Internal (MSI) OO Y Y -- -- Inter-Connect Controller YY Y Y Y -- RTC O O O O O O O RTC Tamper O O O O O O O O Auto WakeUp (AWU) OO O O O O O O LCD O O O O O -- USB O O -- -- -- O -- USART O O O O O(4) O-- LPUART O O O O O(4) O-- SPI O O O O -- -- I2C O O O O O(5) O-- ADC O O -- -- -- -- |