| 전자부품 데이터시트 검색엔진 |
|
STM32L073xB 데이터시트(PDF) 119 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L073xB 데이터시트(HTML) 119 Page - STMicroelectronics |
|
119 / 139 page ![]() DocID027096 Rev 3 119/139 STM32L073xx Package information 136 7 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at www.st.com. ECOPACK® is an ST trademark. 7.1 LQFP100 package information Figure 39. LQFP100 - 100-pin, 14 x 14 mm low-profile quad flat package outline 1. Drawing is not to scale. Dimensions are in millimeters. |