| 전자부품 데이터시트 검색엔진 |
|
STM32L073xB 데이터시트(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L073xB 데이터시트(HTML) 43 Page - STMicroelectronics |
|
43 / 139 page ![]() DocID027096 Rev 3 43/139 STM32L073xx Pin descriptions 55 - 8 E3 15 H1 PC0 I/O FTf - LPTIM1_IN1, LCD_SEG18, EVENTOUT, TSC_G7_IO1, LPUART1_RX, I2C3_SCL ADC_IN10 - 9 E2 16 J2 PC1 I/O FTf - LPTIM1_OUT, LCD_SEG19, EVENTOUT, TSC_G7_IO2, LPUART1_TX, I2C3_SDA ADC_IN11 - 10 F2 17 J3 PC2 I/O FTf - LPTIM1_IN2, LCD_SEG20, SPI2_MISO/I2S2_MCK, TSC_G7_IO3 ADC_IN12 - 11 - 18 K2 PC3 I/O FT - LPTIM1_ETR, LCD_SEG21, SPI2_MOSI/I2S2_SD, TSC_G7_IO4 ADC_IN13 8 12 F1 19 J1 VSSA S - - - - -- - 20 K1 VREF- S - - - - - - G1 21 L1 VREF+ S - - - - 9 13 H1 22 M1 VDDA S - - - - 10 14 G2 23 L2 PA0 I/O TC - TIM2_CH1, TSC_G1_IO1, USART2_CTS, TIM2_ETR, USART4_TX, COMP1_OUT COMP1_INM, ADC_IN0, RTC_TAMP2/WKUP1 11 15 H2 24 M2 PA1 I/O FT - EVENTOUT, LCD_SEG0, TIM2_CH2, TSC_G1_IO2, USART2_RTS_DE, TIM21_ETR, USART4_RX COMP1_INP, ADC_IN1 12 16 F3 25 K3 PA2 I/O FT - TIM21_CH1, LCD_SEG1, TIM2_CH3, TSC_G1_IO3, USART2_TX, LPUART1_TX, COMP2_OUT COMP2_INM, ADC_IN2 13 17 G3 26 L3 PA3 I/O FT - TIM21_CH2, LCD_SEG2, TIM2_CH4, TSC_G1_IO4, USART2_RX, LPUART1_RX COMP2_INP, ADC_IN3 Table 16. STM32L073xx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |