전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L083xZ 데이터시트(PDF) 43 Page - STMicroelectronics

부품명 STM32L083xZ
상세설명  Ultra-low-power 32-bit MCU ARM-based Cortex-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, LCD, USB, ADC, DACs, AES
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L083xZ 데이터시트(HTML) 43 Page - STMicroelectronics

Back Button STM32L083xZ Datasheet HTML 39Page - STMicroelectronics STM32L083xZ Datasheet HTML 40Page - STMicroelectronics STM32L083xZ Datasheet HTML 41Page - STMicroelectronics STM32L083xZ Datasheet HTML 42Page - STMicroelectronics STM32L083xZ Datasheet HTML 43Page - STMicroelectronics STM32L083xZ Datasheet HTML 44Page - STMicroelectronics STM32L083xZ Datasheet HTML 45Page - STMicroelectronics STM32L083xZ Datasheet HTML 46Page - STMicroelectronics STM32L083xZ Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 139 page
background image
DocID027070 Rev 3
43/139
STM32L083xx
Pin descriptions
55
-
8
E3
15
H1
PC0
I/O
FTf
-
LPTIM1_IN1,
LCD_SEG18, EVENTOUT,
TSC_G7_IO1,
LPUART1_RX, I2C3_SCL
ADC_IN10
-
9
E2
16
J2
PC1
I/O
FTf
-
LPTIM1_OUT,
LCD_SEG19, EVENTOUT,
TSC_G7_IO2,
LPUART1_TX, I2C3_SDA
ADC_IN11
-
10
F2
17
J3
PC2
I/O
FTf
-
LPTIM1_IN2,
LCD_SEG20,
SPI2_MISO/I2S2_MCK,
TSC_G7_IO3
ADC_IN12
-
11
-
18
K2
PC3
I/O
FT
-
LPTIM1_ETR,
LCD_SEG21,
SPI2_MOSI/I2S2_SD,
TSC_G7_IO4
ADC_IN13
8
12
F1
19
J1
VSSA
S
-
-
-
-
--
-
20
K1
VREF-
S
-
-
-
-
-
-
G1
21
L1
VREF+
S
-
-
-
-
9
13
H1
22
M1
VDDA
S
-
-
-
-
10
14
G2
23
L2
PA0
I/O
TC
-
TIM2_CH1, TSC_G1_IO1,
USART2_CTS,
TIM2_ETR, USART4_TX,
COMP1_OUT
COMP1_INM, ADC_IN0,
RTC_TAMP2/WKUP1
11
15
H2
24
M2
PA1
I/O
FT
-
EVENTOUT, LCD_SEG0,
TIM2_CH2, TSC_G1_IO2,
USART2_RTS_DE,
TIM21_ETR, USART4_RX
COMP1_INP, ADC_IN1
12
16
F3
25
K3
PA2
I/O
FT
-
TIM21_CH1, LCD_SEG1,
TIM2_CH3, TSC_G1_IO3,
USART2_TX,
LPUART1_TX,
COMP2_OUT
COMP2_INM, ADC_IN2
13
17
G3
26
L3
PA3
I/O
FT
-
TIM21_CH2, LCD_SEG2,
TIM2_CH4, TSC_G1_IO4,
USART2_RX,
LPUART1_RX
COMP2_INP, ADC_IN3
Table 16. STM32L083xx pin definition (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More