전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PLAH010DB 데이터시트(PDF) 1 Page - Sensortechnics GmbH

부품명 PLAH010DB
상세설명  Amplified precision very low pressure sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SENSORTECHNICS [Sensortechnics GmbH]
홈페이지  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PLAH010DB 데이터시트(HTML) 1 Page - Sensortechnics GmbH

  PLAH010DB Datasheet HTML 1Page - Sensortechnics GmbH PLAH010DB Datasheet HTML 2Page - Sensortechnics GmbH PLAH010DB Datasheet HTML 3Page - Sensortechnics GmbH PLAH010DB Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PLA Series
Amplified precision very low pressure sensors
1/4
E / 11735 / 0
www.sensortechnics.com
Pin 1: +Vs
Pin 2: -Vs
Pin 3: +Vout
Pin 4: N/C*
ELECTRICAL CONNECTION
Note:
The polarity indicated is for pressure
applied to port B.
SPECIFICATIONS
Maximum ratings
Supply voltage V
S
+4.5...+5.5 V
DC
Lead temperature (soldering 2-4 sec.)
250 °C
Temperature ranges
Compensated
5...50 °C
Operating
-25...85 °C
Storage
-40...125 °C
Humidity limits (non-condensing)
0...95 % RH
Common mode pressure
10 psig
MEDIA COMPATIBILITY
To be used with non-corrosive, non-ionic working
fluids such as clean dry air, dry gases and the like.
FEATURES
· Ranges from 1 mbar to 30 inch H
2O
gage or differential
· Ratiometric 4 V output
· Precision temperature compensated
· Calibrated offset and span
· Extremely low position sensitivity
· Excellent long term stability
3
Bottom view
2
4
1
* do not connect for
any reason


유사한 부품 번호 - PLAH010DB

제조업체부품명데이터시트상세설명
logo
Positronic.
PLAH0300A1 POSITRONIC-PLAH0300A1 Datasheet
5Mb / 72P
VERSATILE, HIGH-CURRENT, MIXED DENSITY
Rev. G2
PLAH03300A1 POSITRONIC-PLAH03300A1 Datasheet
5Mb / 72P
VERSATILE, HIGH-CURRENT, MIXED DENSITY
Rev. G2
PLAH033200A1 POSITRONIC-PLAH033200A1 Datasheet
5Mb / 72P
VERSATILE, HIGH-CURRENT, MIXED DENSITY
Rev. G2
PLAH0400A1 POSITRONIC-PLAH0400A1 Datasheet
5Mb / 72P
VERSATILE, HIGH-CURRENT, MIXED DENSITY
Rev. G2
PLAH04300A1 POSITRONIC-PLAH04300A1 Datasheet
5Mb / 72P
VERSATILE, HIGH-CURRENT, MIXED DENSITY
Rev. G2
More results

유사한 설명 - PLAH010DB

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
1NCH-G-4V ETC-1NCH-G-4V Datasheet
300Kb / 7P
Amplified Low Pressure Sensors
logo
Sensortechnics GmbH
HCLA02X5-B SENSORTECHNICS-HCLA02X5-B Datasheet
226Kb / 15P
Miniature amplified low pressure sensors
PLOH001D SENSORTECHNICS-PLOH001D Datasheet
73Kb / 4P
Precision very low pressure sensors
logo
All Sensors Corporation
DS-00243 ASC-DS-00243 Datasheet
300Kb / 7P
Amplified Low Pressure Sensors
Rev C
1INCH-D-4V ASC-1INCH-D-4V Datasheet
300Kb / 7P
Amplified Low Pressure Sensors
1INCH-G-4V ASC-1INCH-G-4V Datasheet
300Kb / 7P
Amplified Low Pressure Sensors
5INCH-D-4V ASC-5INCH-D-4V Datasheet
300Kb / 7P
Amplified Low Pressure Sensors
5INCH-G-4V ASC-5INCH-G-4V Datasheet
300Kb / 7P
Amplified Low Pressure Sensors
10INCH-G-4V ASC-10INCH-G-4V Datasheet
300Kb / 7P
Amplified Low Pressure Sensors
Rev C
DS-0024 ASC-DS-0024 Datasheet
300Kb / 7P
Amplified Low Pressure Sensors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com