전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D6F-PH 데이터시트(PDF) 2 Page - Omron Electronics LLC

부품명 D6F-PH
상세설명  D6F-PH Series DIFFERENTIAL PRESSURE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D6F-PH 데이터시트(HTML) 2 Page - Omron Electronics LLC

  D6F-PH_13 Datasheet HTML 1Page - Omron Electronics LLC D6F-PH_13 Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.components.omron.com
Phone: 847-882-2288
ELECTRONIC COMPONENTS
©2013 Omron Electronic Components LLC, Printed in U.S.A. 5/2013
Ordering Information
Note: The Sensor can be calibrated for different gas types. Consult Omron.
l
e
d
o
M
d
i
u
l
F
e
l
b
a
c
il
p
p
A
e
g
n
a
R
t
n
e
m
e
r
u
s
a
e
M
0 to 250 Pa (0 to1 in. H2O)
Air
D6F-PH0025AD1
-50 to +50 Pa (
± 0.2 in. H
2O)
D6F-PH0505AD3
-500 to +500 Pa (
± 2 in. H
2O)
D6F-PH5050AD3
Characteristics
D6F-PH0025AD1
D6F-PH0505AD3
D6F-PH5050AD3
Measurement Range (See Note 1)
0 to 250 Pa
± 50 Pa
± 500 Pa
Calibration Gas (See Note 2)
Air
Port Type
Barb joint, Maximum outside diameter: 4.9mm
Power Supply
2.3 to 3.6 VDC
Current Consumption
6 mA max. with no load and VCC of 3.3 V, GND=0 VDC, 25°C
Resolution
12 bit
Zero Point Tolerance (See Note 4)
± 0.2 Pa
Span Tolerance (See Note 4)
± 3% R.D.
Temperature Compensation
Yes
Span shift due to Temperature Variation
± 0.5% R.D. per 10°C
Response Time
25 ms typical at 12 bit resolution (50 ms max). The processing time is 6 ms typical at 12 bit resolution.
Gas Flow through Sensor (See Note 3)
≤ 63 mL/min
≤ 23 mL/min
≤ 100 mL/min
Interface
I2C
Case Material
PPS
Degree of Protection
IEC IP40
Withstand Pressure
10 kPa
Operating Temperature
-20 to 80°C (with no condensation or icing)
Operating Humidity
35 to 85% RH (with no condensation or icing)
Storage Temperature
-40 to 80°C (with no condensation or icing)
Storage Humidity
35 to 85% RH (with no condensation or icing)
Insulation Resistance
Between Sensor outer cover and lead terminals: 20 MΩ min. (at 500 VDC)
Dielectric Strength
Between Sensor outer cover and lead terminals: 500 VAC, 50/60 Hz min. for 1 min (leakage current:1 mA max.)
Weight
5.2 g
Communication
Relationship Between
Pressure and Flow Rate
Method
I2C
Master/Slave
Slave/ Address: HEX: 0x6C
BIN: 110_1100 (7 bit)
Speed mode
Fast Mode 400kHz
Signals
SCL
Serial Clock
SDA
Data Signal
Note: 1. At standard atmospheric pressure (1013.25 hPa).
2. Dry gas must not contain large particles, e.g., dust, oil or mist.
3. Type D6F-PH is based on thermal flow principle. Air flow is needed to measure the differential pressure. Typical characteristic of air flow
by differential pressure is shown in the “Engineering Data” section.
4. The zero point tolerance and span tolerance are independent uncertainties and add according to the principles of error propagation.
D6F-PH Series DIFFERENTIAL PRESSURE SENSOR
High Impedance MEMS Mass Flow Technology
• Economical
• High Accuracy, ±3% Reading
• I2C Digital Output
• Linearized and Temperature Compensated
• Compact Package
• Resistant to Bypass Tube Length Variation
Model
-50
-40
-30
-20
-10
0
10
20
30
40
50
-600
-400
-200
0
200
400
600
Pressure (Pa)
Note: Additional information can be found on the Omron website



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com