전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8AL3189 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 STM8AL3189
상세설명  device limitations
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3189 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button STM8AL3189 Datasheet HTML 10Page - STMicroelectronics STM8AL3189 Datasheet HTML 11Page - STMicroelectronics STM8AL3189 Datasheet HTML 12Page - STMicroelectronics STM8AL3189 Datasheet HTML 13Page - STMicroelectronics STM8AL3189 Datasheet HTML 14Page - STMicroelectronics STM8AL3189 Datasheet HTML 15Page - STMicroelectronics STM8AL3189 Datasheet HTML 16Page - STMicroelectronics STM8AL3189 Datasheet HTML 17Page - STMicroelectronics STM8AL3189 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
DocID17922 Rev 6
17/18
STM8AL3xxx STM8L052R8 STM8L1xxx6/8
Revision history
17
2
Revision history
Table 4. Document revision history
Date
Revision
Changes
09-Sep-2010
1
Initial release.
18-Jan-2011
2
Updated for rev Z devices.
01-Aug-2011
3
Added Section 1.1.4: Incorrect code execution when WFE execution
is interrupted by ISR or event and Section 1.1.5: Core kept in stall
mode when DMA transfer occurs during program/ erase operation to
EEPROM.
Updated format of Table 3: Summary of STM8AL3xxx,
STM8L052R8, STM8L15xx6/8 and STM8L162x8 silicon limitations.
18-Feb-2013
4
Added STM8L052R8 part number.
Updated Section 1.1.4: Incorrect code execution when WFE
execution is interrupted by ISR or event.
Updated cover page.
20-Jun-2013
5
Added Section 1.1.6: Incorrect code execution when
FLASH/EEPROM memory wakes up from power down mode.
11-Sep-2015
6
Removed the Appendix: Revision code on device marking.
Extended the applicability to STM8AL3xxxx devices. Updated:
– Table 1: Device identification,
– Table 2: Device summary,
– the heading of Table 3: Summary of STM8AL3xxx, STM8L052R8,
STM8L15xx6/8 and STM8L162x8 silicon limitations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18