전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8AL313X 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 STM8AL313X
상세설명  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL313X 데이터시트(HTML) 2 Page - STMicroelectronics

  STM8AL313X Datasheet HTML 1Page - STMicroelectronics STM8AL313X Datasheet HTML 2Page - STMicroelectronics STM8AL313X Datasheet HTML 3Page - STMicroelectronics STM8AL313X Datasheet HTML 4Page - STMicroelectronics STM8AL313X Datasheet HTML 5Page - STMicroelectronics STM8AL313X Datasheet HTML 6Page - STMicroelectronics STM8AL313X Datasheet HTML 7Page - STMicroelectronics STM8AL313X Datasheet HTML 8Page - STMicroelectronics STM8AL313X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 124 page
background image
STM8AL313x/4x/6x STM8AL3L4x/6x
2/124
DocID18474 Rev 7
• Development support
– Fast on-chip programming and non intrusive debugging with SWIM
– Bootloader using USART
• 96-bit unique ID
Table 1. Device summary
Reference
Part number
STM8AL313x/4x/6x
(without LCD)
STM8AL3136, STM8AL3138, STM8AL3146, STM8AL3148, STM8AL3166,
STM8AL3168
STM8AL3L4x/6x
(with LCD)
STM8AL3L46, STM8AL3L48, STM8AL3L66, STM8AL3L68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More