전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM8AL3146 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 STM8AL3146
상세설명  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3146 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button STM8AL3146 Datasheet HTML 23Page - STMicroelectronics STM8AL3146 Datasheet HTML 24Page - STMicroelectronics STM8AL3146 Datasheet HTML 25Page - STMicroelectronics STM8AL3146 Datasheet HTML 26Page - STMicroelectronics STM8AL3146 Datasheet HTML 27Page - STMicroelectronics STM8AL3146 Datasheet HTML 28Page - STMicroelectronics STM8AL3146 Datasheet HTML 29Page - STMicroelectronics STM8AL3146 Datasheet HTML 30Page - STMicroelectronics STM8AL3146 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 124 page
background image
DocID18474 Rev 7
27/124
STM8AL313x/4x/6x STM8AL3L4x/6x
Pin description
54
Figure 7. STM8AL31x6U 32-pin pinout (without LCD)
Figure 8. STM8AL3Lx6U 32-pin pinout (with LCD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More