| 전자부품 데이터시트 검색엔진 |
|
STM32F058T8 데이터시트(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F058T8 데이터시트(HTML) 24 Page - STMicroelectronics |
|
24 / 104 page ![]() Functional overview STM32F058C8 STM32F058R8 STM32F058T8 24/104 DocID023402 Rev 3 3.17 Universal synchronous/asynchronous receiver/transmitter (USART) The device embeds up to two universal synchronous/asynchronous receivers/transmitters (USART1, USART2) which communicate at speeds of up to 6 Mbit/s. They provide hardware management of the CTS, RTS and RS485 DE signals, multiprocessor communication mode, master synchronous communication and single-wire half-duplex communication mode. USART1 supports also SmartCard communication (ISO 7816), IrDA SIR ENDEC, LIN Master/Slave capability and auto baud rate feature, and has a clock domain independent of the CPU clock, allowing to wake up the MCU from Stop mode. The USART interfaces can be served by the DMA controller. SMBus X - Wakeup from STOP X - 1. X = supported. Table 8. STM32F058C8/R8/T8 I2C implementation (continued) I2C features(1) I2C1 I2C2 Table 9. STM32F058C8/R8/T8 USART implementation USART modes/features(1) 1. X = supported. USART1 USART2 Hardware flow control for modem X X Continuous communication using DMA X X Multiprocessor communication X X Synchronous mode X X Smartcard mode X - Single-wire half-duplex communication X X IrDA SIR ENDEC block X - LIN mode X - Dual clock domain and wakeup from Stop mode X - Receiver timeout interrupt X - Modbus communication X - Auto baud rate detection X - Driver Enable X X |