| 전자부품 데이터시트 검색엔진 |
|
STM32F334X4 데이터시트(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F334X4 데이터시트(HTML) 36 Page - STMicroelectronics |
|
36 / 115 page ![]() Pinout and pin descriptions STM32F334x4 STM32F334x6 STM32F334x8 36/115 DocID025409 Rev 5 - 27 35 PB14 I/O TTa TIM15_CH1, TSC_G6_IO4, TIM1_CH2N, USART3_RTS_DE, HRTIM1_CHD1, EVENTOUT ADC2_IN14, OPAMP2_VINP - 28 36 PB15 I/O TTa TIM15_CH2, TIM15_CH1N, TIM1_CH3N, HRTIM1_CHD2, EVENTOUT ADC2_IN15, COMP6_INM, RTC_REFIN - - 37 PC6 I/O FT EVENTOUT, TIM3_CH1, HRTIM1_EEV10, COMP6_OUT - - - 38 PC7 I/O FT EVENTOUT, TIM3_CH2, HRTIM1_FLT5 - - - 39 PC8 I/O FT EVENTOUT, TIM3_CH3, HRTIM1_CHE1 - - - 40 PC9 I/O FT EVENTOUT, TIM3_CH4, HRTIM1_CHE2 - 18 29 41 PA8 I/O FT MCO, TIM1_CH1, USART1_CK, HRTIM1_CHA1, EVENTOUT - 19 30 42 PA9 I/O FT TSC_G4_IO1, TIM1_CH2, USART1_TX, TIM15_BKIN, TIM2_CH3, HRTIM1_CHA2, EVENTOUT - 20 31 43 PA10 I/O FT TIM17_BKIN, TSC_G4_IO2, TIM1_CH3, USART1_RX, COMP6_OUT, TIM2_CH4, HRTIM1_CHB1, EVENTOUT - 21 32 44 PA11 I/O FT TIM1_CH1N, USART1_CTS, CAN_RX, TIM1_CH4, TIM1_BKIN2, HRTIM1_CHB2, EVENTOUT - 22 33 45 PA12 I/O FT TIM16_CH1, TIM1_CH2N, USART1_RTS_DE, COMP2_OUT, CAN_TX, TIM1_ETR, HRTIM1_FLT1, EVENTOUT - Table 13. STM32F334x4/6/8 pin definitions (continued) Pin Number Pin name (function after reset) Pin functions LQFP 32 LQFP 48 LQFP 64 Alternate functions Additional functions |