전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STWLC03JR 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 STWLC03JR
상세설명  Dual mode Qi/PMA wireless power receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC03JR 데이터시트(HTML) 2 Page - STMicroelectronics

  STWLC03JR Datasheet HTML 1Page - STMicroelectronics STWLC03JR Datasheet HTML 2Page - STMicroelectronics STWLC03JR Datasheet HTML 3Page - STMicroelectronics STWLC03JR Datasheet HTML 4Page - STMicroelectronics STWLC03JR Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Package information
STWLC03
2/5
DocID027918 Rev 2
1
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK
® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK
® is an ST trademark.
1.1
Flip Chip 77 bumps (3.12x4.73 mm) package information
Figure 1: Flip Chip 77 bumps (3.12x4.73 mm) package outline



Html Pages

1 2 3 4 5