전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F334 데이터시트(PDF) 34 Page - STMicroelectronics

부품명 STM32F334
상세설명  ARMCortex-M4 32b MCUFPU,up to 64KB Flash,16KB SRAM, 2 ADCs,3 DACs,3 comp.,op-amp, 217ps 10-ch (HRTIM1)
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F334 데이터시트(HTML) 34 Page - STMicroelectronics

Back Button STM32F334 Datasheet HTML 30Page - STMicroelectronics STM32F334 Datasheet HTML 31Page - STMicroelectronics STM32F334 Datasheet HTML 32Page - STMicroelectronics STM32F334 Datasheet HTML 33Page - STMicroelectronics STM32F334 Datasheet HTML 34Page - STMicroelectronics STM32F334 Datasheet HTML 35Page - STMicroelectronics STM32F334 Datasheet HTML 36Page - STMicroelectronics STM32F334 Datasheet HTML 37Page - STMicroelectronics STM32F334 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 115 page
background image
Pinout and pin descriptions
STM32F334x4 STM32F334x6 STM32F334x8
34/115
DocID025409 Rev 5
-
-
8
PC0
I/O
TTa
EVENTOUT, TIM1_CH1
ADC12_IN6
-
-
9
PC1
I/O
TTa
EVENTOUT, TIM1_CH2
ADC12_IN7
-
-
10
PC2
I/O
TTa
EVENTOUT, TIM1_CH3
ADC12_IN8
-
-
11
PC3
I/O
TTa
EVENTOUT, TIM1_CH4,
TIM1_BKIN2
ADC12_IN9
-
8
12
VSSA/VREF-
S
-
Analog ground/Negative reference voltage
5
9
13
VDDA/VREF+
S
-
Analog power supply/Positive reference voltage
6
10
14
PA0
I/O
TTa
TIM2_CH1/
TIM2_ETR,
TSC_G1_IO1,
USART2_CTS,
EVENTOUT
ADC1_IN1(2),
RTC_TAMP2/WKUP1
7
11
15
PA1
I/O
TTa
TIM2_CH2,
TSC_G1_IO2,
USART2_RTS_DE,
TIM15_CH1N,
EVENTOUT
ADC1_IN2(2), RTC_REFIN
8
12
16
PA2
I/O
TTa
TIM2_CH3,
TSC_G1_IO3,
USART2_TX,
COMP2_OUT,
TIM15_CH1,
EVENTOUT
ADC1_IN3(2), COMP2_INM
9
13
17
PA3
I/O
TTa
TIM2_CH4,
TSC_G1_IO4,
USART2_RX,
TIM15_CH2,
EVENTOUT
ADC1_IN4(2)
--
18
VSS
S
-
-
-
--
19
VDD
S
-
-
-
10
14
20
PA4(3)
I/O
TTa
TIM3_CH2,
TSC_G2_IO1,
SPI1_NSS,
USART2_CK,
EVENTOUT
ADC2_IN1(2), DAC1_OUT1,
COMP2_INM4, COMP4_INM4,
COMP6_INM4
11
15
21
PA5(3)
I/O
TTa
TIM2_CH1/
TIM2_ETR,
TSC_G2_IO2,
SPI1_SCK, EVENTOUT
ADC2_IN2(2), DAC1_OUT2,
OPAMP2_VINM
12
16
22
PA6(3)
I/O
TTa
TIM16_CH1, TIM3_CH1,
TSC_G2_IO3,
SPI1_MISO,
TIM1_BKIN,
OPAMP2_DIG,
EVENTOUT
ADC2_IN3(2), DAC2_OUT1,
OPAMP2_VOUT
Table 13. STM32F334x4/6/8 pin definitions (continued)
Pin Number
Pin name (function
after reset)
Pin functions
LQFP
32
LQFP
48
LQFP
64
Alternate
functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More