| 전자부품 데이터시트 검색엔진 |
|
AD9753-EB 데이터시트(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9753-EB 데이터시트(HTML) 2 Page - Analog Devices |
|
2 / 26 page ![]() REV. 0 –2– AD9753–SPECIFICATIONS Parameter Min Typ Max Unit RESOLUTION 12 Bits DC ACCURACY 1 Integral Linearity Error (INL) –1.5 ±0.5 +1.5 LSB Differential Nonlinearity (DNL) –1 ±0.4 +1 LSB ANALOG OUTPUT Offset Error –0.025 ±0.01 +0.025 % of FSR Gain Error (Without Internal Reference) –2 ±0.5 +2 % of FSR Gain Error (With Internal Reference) –2 ±0.25 +2 % of FSR Full-Scale Output Current 2 2.0 20.0 mA Output Compliance Range –1.0 1.25 V Output Resistance 100 k Ω Output Capacitance 5 pF REFERENCE OUTPUT Reference Voltage 1.14 1.20 1.26 V Reference Output Current 3 100 nA REFERENCE INPUT Input Compliance Range 0.1 1.25 V Reference Input Resistance 1 M Ω TEMPERATURE COEFFICIENTS Offset Drift 0 ppm of FSR/ °C Gain Drift (Without Internal Reference) ±50 ppm of FSR/ °C Gain Drift (With Internal Reference) ±100 ppm of FSR/ °C Reference Voltage Drift ±50 ppm/ °C POWER SUPPLY Supply Voltages AVDD 3.0 3.3 3.6 V DVDD 3.0 3.3 3.6 V PLLVDD 3.0 3.3 3.6 V CLKVDD 3.0 3.3 3.6 V Analog Supply Current (IAVDD) 4 33 36 mA Digital Supply Current (IDVDD) 4 3.5 4.5 mA PLL Supply Current (IPLLVDD) 4 4.5 5.1 mA Clock Supply Current (ICLKVDD) 4 10.0 11.5 mA Power Dissipation 4 (3 V, I OUTFS = 20 mA) 155 165 mW Power Dissipation 5 (3 V, I OUTFS = 20 mA) 216 mW Power Supply Rejection Ratio6—AVDD –1 +1 % of FSR/V Power Supply Rejection Ratio 6—DVDD –0.04 +0.04 % of FSR/V OPERATING RANGE –40 +85 °C NOTES 1Measured at I OUTA, driving a virtual ground. 2Nominal full-scale current, I OUTFS, is 32 × the I REF current. 3An external buffer amplifier is recommended to drive any external load. 4100 MSPS f DAC with PLL on, fOUT = 1 MHz, all supplies = 3.0 V. 5300 MSPS f DAC. 6 ± 5% power supply variation. Specifications subject to change without notice. (TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, PLLVDD = 3.3 V, CLKVDD = 3.3 V, IOUTFS = 20 mA, unless otherwise noted.) DC SPECIFICATIONS |