전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STLUX325A 데이터시트(PDF) 83 Page - STMicroelectronics

부품명 STLUX325A
상세설명  Digital controllers for lighting and power conversion applications with up to 6 programmable PWM generators, 96 MHz PLL, DALI
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLUX325A 데이터시트(HTML) 83 Page - STMicroelectronics

Back Button STLUX325A Datasheet HTML 79Page - STMicroelectronics STLUX325A Datasheet HTML 80Page - STMicroelectronics STLUX325A Datasheet HTML 81Page - STMicroelectronics STLUX325A Datasheet HTML 82Page - STMicroelectronics STLUX325A Datasheet HTML 83Page - STMicroelectronics STLUX325A Datasheet HTML 84Page - STMicroelectronics STLUX325A Datasheet HTML 85Page - STMicroelectronics STLUX325A Datasheet HTML 86Page - STMicroelectronics STLUX325A Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 126 page
background image
DocID027870 Rev 1
83/126
STLUX
Electrical characteristics
126
12.1.5
Loading capacitors
The loading conditions used for pin parameter measurement are shown in Figure 13:
Figure 13. Pin loading conditions
12.1.6
Pin output voltage
The input voltage measurement on a pin is described in Figure 14.
Figure 14. Pin input voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More