| 전자부품 데이터시트 검색엔진 |
|
STM32F412RG 데이터시트(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412RG 데이터시트(HTML) 54 Page - STMicroelectronics |
|
54 / 193 page ![]() Pinouts and pin description STM32F412xE/G 54/193 DocID028087 Rev 4 -- - 44 M1 0 K8 66 PE13 I/O FT - TIM1_CH3, SPI4_MISO, SPI5_MISO, FSMC_D10/FSMC_DA10, EVENTOUT - - - - 45 M11 L8 67 PE14 I/O FT - TIM1_CH4, SPI4_MOSI/I2S4_SD, SPI5_MOSI/I2S5_SD, FSMC_D11/FSMC_DA11, EVENTOUT - -- - 46 M1 2 M8 68 PE15 I/O FT - TIM1_BKIN, FSMC_D12/FSMC_DA12, EVENTOUT - 21 29 H4 47 L10 M9 69 PB10 I/O FT - TIM2_CH3, I2C2_SCL, SPI2_SCK/I2S2_CK, I2S3_MCK, USART3_TX, I2CFMP1_SCL, SDIO_D7, EVENTOUT - -- -- K9 M1 0 70 PB11 I/O FT - TIM2_CH4, I2C2_SDA, I2S2_CKIN, USART3_RX, EVENTOUT - 22 30 H3 48 L11 H7 71 VCAP_1 S - - - - 23 31 H2 49 F12 H6 - VSS S - - - - 24 32 H1 50 G1 2 G7 72 VDD S - - - - 25 33 G3 51 L12 M11 73 PB12 I/O FT - TIM1_BKIN, I2C2_SMBA, SPI2_NSS/I2S2_WS, SPI4_NSS/I2S4_WS, SPI3_SCK/I2S3_CK, USART3_CK, CAN2_RX, DFSDM1_DATIN1, FSMC_D13/FSMC_DA13, EVENTOUT - 26 34 G2 52 K12 M1 2 74 PB13 I/O FT - TIM1_CH1N, I2CFMP1_SMBA, SPI2_SCK/I2S2_CK, SPI4_SCK/I2S4_CK, USART3_CTS, CAN2_TX, DFSDM1_CKIN1, EVENTOUT - Table 9. STM32F412xE/G pin definition (continued) Pin Number Pin name (function after reset)(1) Pin type I/O structure Notes Alternate functions Additional functions |