| 전자부품 데이터시트 검색엔진 |
|
STM32F479AI 데이터시트(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F479AI 데이터시트(HTML) 56 Page - STMicroelectronics |
|
56 / 217 page ![]() Pinouts and pin description STM32F479xx 56/217 DocID028010 Rev 3 Table 10. STM32F479xx pin and ball definitions Pin number Pin name (function after reset)(1) Alternate functions Additional functions 1 144 B2 F9 A2 1 1 A3 PE2 I/O FT - TRACECLK, SPI4_SCK, SAI1_MCLK_A, QUADSPI_BK1_IO2, ETH_MII_TXD3, FMC_A23, EVENTOUT - NC (2) 1 C1 E10 A1 2 2 A2 PE3 I/O FT - TRACED0, SAI1_SD_B, FMC_A19, EVENTOUT - NC (2) 2 C2 C11 B1 3 3 A1 PE4 I/O FT - TRACED1, SPI4_NSS, SAI1_FS_A, FMC_A20, DCMI_D4, LCD_B0, EVENTOUT - NC (2) 3 D1 B12 B2 4 4 B1 PE5 I/O FT - TRACED2, TIM9_CH1, SPI4_MISO, SAI1_SCK_A, FMC_A21, DCMI_D6, LCD_G0, EVENTOUT - NC (2) 4 D2 D11 B3 5 5 B2 PE6 I/O FT - TRACED3, TIM9_CH2, SPI4_MOSI, SAI1_SD_A, FMC_A22, DCMI_D7, LCD_G1, EVENTOUT - 2 - --- - - G6 VSS S - - - - -- - - - -- F5 VDD S - - - - 3 5 E5 C12 C1 6 6 C1 VBAT S - - - - - - - - D2 7 7 C2 PI8 I/O FT (3) (4) EVENTOUT RTC_TAMP1/ RTC_TAMP2/ RTC_TS 4 6 G4 D12 D18 8D1 PC13 I/O FT (3) (4) EVENTOUT RTC_TAMP1/ RTC_TS/ RTC_OUT 5 7 E1 E11 E1 9 9 E1 PC14-OSC32_IN (PC14) I/O FT (3) (4) EVENTOUT OSC32_IN 68 F1 E12 F1 10 10 F1 PC15- OSC32_OUT (PC15) I/O FT (3) (4) EVENTOUT OSC32_OUT -- - - - -- G5 VDD S - - - - - - E2 G9 D3 11 11 E4 PI9 I/O FT CAN1_RX, FMC_D30, LCD_VSYNC, EVENTOUT - - - E4 F10 E3 12 12 D5 PI10 I/O FT ETH_MII_RX_ER, FMC_D31, LCD_HSYNC, EVENTOUT - - - F2 F11 E4 13 13 F3 PI11 I/O FT LCD_G6, OTG_HS_ULPI_DIR, EVENTOUT - - - F5 F12 F2 14 14 F2 VSS S - - - - -- F4 G11 F3 15 15 F4 VDD S - - - - |