전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32469VI 데이터시트(PDF) 75 Page - STMicroelectronics

부품명 STM32469VI
상세설명  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32469VI 데이터시트(HTML) 75 Page - STMicroelectronics

Back Button STM32469VI Datasheet HTML 71Page - STMicroelectronics STM32469VI Datasheet HTML 72Page - STMicroelectronics STM32469VI Datasheet HTML 73Page - STMicroelectronics STM32469VI Datasheet HTML 74Page - STMicroelectronics STM32469VI Datasheet HTML 75Page - STMicroelectronics STM32469VI Datasheet HTML 76Page - STMicroelectronics STM32469VI Datasheet HTML 77Page - STMicroelectronics STM32469VI Datasheet HTML 78Page - STMicroelectronics STM32469VI Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 217 page
background image
Port C
PC0
-
-
-
-
-
-
-
-
-
-
OTG_HS
_ULPI_ST
P
-
FMC_SDN
WE
-
LCD_R5
EVENT
OUT
PC1
TRACED
0
--
-
-
SPI2_MOSI
/I2S2_SD
SAI1_SD_
A
--
-
ETH_MDC
--
-
EVENT
OUT
PC2
--
-
-
-
SPI2_MISO
I2S2ext_S
D
--
-
OTG_HS
_ULPI_DI
R
ETH_MII_TXD
2
FMC_SDN
E0
--
EVENT
OUT
PC3
--
-
-
-
SPI2_MOSI
/I2S2_SD
--
-
-
OTG_HS
_ULPI_N
XT
ETH_MII_TX_
CLK
FMC_SDC
KE0
--
EVENT
OUT
PC4
-
-
--
-
-
--
-
-
-
ETH_MII_RXD
0/ETH_RMII_R
XD0
FMC_SDN
E0
--
EVENT
OUT
PC5
-
-
--
-
-
--
-
-
-
ETH_MII_RXD
1/ETH_RMII_R
XD1
FMC_SDC
KE0
--
EVENT
OUT
PC6
--
TIM3_CH1
TIM8_CH1
-
I2S2_MCK
--
USART6
_TX
--
-
SDIO_D6
DCMI_D0
LCD_HSY
NC
EVENT
OUT
PC7
--
TIM3_CH2
TIM8_CH2
--
I2S3_MCK
-
USART6
_RX
--
-
SDIO_D7
DCMI_D1
LCD_G6
EVENT
OUT
PC8
TRACED
1
-
TIM3_CH3
TIM8_CH3
--
-
-
USART6
_CK
--
-
SDIO_D0
DCMI_D2
-
EVENT
OUT
PC9
MCO2
-
TIM3_CH4
TIM8_CH4
I2C3_SDA
I2S_CKIN
--
-
QUADSPI_
BK1_IO0
--
SDIO_D1
DCMI_D3
-
EVENT
OUT
PC10
-
--
-
-
-
SPI3_SCK/
I2S3_CK
USART3_
TX
UART4_
TX
QUADSPI_
BK1_IO1
--
SDIO_D2
DCMI_D8
LCD_R2
EVENT
OUT
PC11
-
--
-
-
I2S3ext_SD
SPI3_MIS
O
USART3_
RX
UART4_
RX
QUADSPI_
BK2_NCS
--
SDIO_D3
DCMI_D4
-
EVENT
OUT
PC12
TRACED
3
--
-
-
-
SPI3_MOS
I/I2S3_SD
USART3_
CK
UART5_
TX
--
-
SDIO_CK
DCMI_D9
-
EVENT
OUT
PC13
-
-
--
-
-
--
-
-
-
-
-
-
-
EVENT
OUT
PC14
-
-
--
-
-
--
-
-
-
-
-
-
-
EVENT
OUT
PC15
-
-
--
-
-
--
-
-
-
-
-
-
-
EVENT
‘OUT
Table 12. Alternate function (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/
5
TIM8/9/
10/11
I2C1/2/3
SPI1/2/3
/4/5/6
SPI2/3/
SAI1
SPI2/3/
USART
1/2/3
USAR
T6/
UART
4/5/7/
8
CAN1/2/
TIM12/
13/14/
QUAD
SPI/LCD
QUAD
SPI/OT
G2_HS
/OTG1
_FS
ETH
FMC/
SDIO/
OTG2_
FS
DCMI/
DSI
HOST
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More