| 전자부품 데이터시트 검색엔진 |
|
STM32F746NG 데이터시트(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F746NG 데이터시트(HTML) 77 Page - STMicroelectronics |
|
77 / 227 page ![]() Port A PA12 - TIM1_ET R -- - - - USART1 _RTS SAI2_FS _B CAN1_T X OTG_FS_ DP - - - LCD_R5 EVEN TOUT PA13 JTMS- SWDIO -- - - -- - - - - - --- EVEN TOUT PA14 JTCK- SWCLK -- - - -- - - - - - --- EVEN TOUT PA15 JTDI TIM2_C H1/TIM2 _ETR -- HDMI- CEC SPI1_NS S/I2S1_ WS SPI3_NS S/I2S3_ WS - UART4_ RTS - - - --- EVEN TOUT Port B PB0 - TIM1_C H2N TIM3_C H3 TIM8_CH 2N -- - - UART4_ CTS LCD_R3 OTG_HS_ ULPI_D1 ETH_MII_ RXD2 --- EVEN TOUT PB1 - TIM1_C H3N TIM3_C H4 TIM8_CH 3N - - - - - LCD_R6 OTG_HS_ ULPI_D2 ETH_MII_ RXD3 --- EVEN TOUT PB2 - - - - - - SAI1_SD _A SPI3_MO SI/I2S3_ SD QUADSP I_CLK - - --- EVEN TOUT PB3 JTDO/T RACES WO TIM2_C H2 -- - SPI1_SC K/I2S1_ CK SPI3_SC K/I2S3_ CK --- - - - - - EVEN TOUT PB4 NJTRST - TIM3_C H1 -- SPI1_MI SO SPI3_MI SO SPI2_NS S/I2S2_ WS - - - - --- EVEN TOUT PB5 - - TIM3_C H2 - I2C1_SM BA SPI1_M OSI/I2S1 _SD SPI3_M OSI/I2S3 _SD -- CAN2_R X OTG_HS_ ULPI_D7 ETH_PPS _OUT FMC_SD CKE1 DCMI_D 10 - EVEN TOUT PB6 - - TIM4_C H1 HDMI- CEC I2C1_SC L -- USART1 _TX - CAN2_T X QUADSPI _BK1_NC S - FMC_SD NE1 DCMI_D 5 - EVEN TOUT PB7 - - TIM4_C H2 - I2C1_SD A -- USART1 _RX - - - - FMC_NL DCMI_V SYNC - EVEN TOUT PB8 - - TIM4_C H3 TIM10_C H1 I2C1_SC L -- - - CAN1_R X ETH_MII_ TXD3 SDMMC 1_D4 DCMI_D 6 LCD_B6 EVEN TOUT Table 12. STM32F745xx and STM32F746xx alternate function mapping (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2 TIM3/4/5 TIM8/9/10/ 11/LPTIM 1/CEC I2C1/2/3/ 4/CEC SPI1/2/3/ 4/5/6 SPI3/ SAI1 SPI2/3/U SART1/2/ 3/UART5/ SPDIFRX SAI2/US ART6/UA RT4/5/7/8 /SPDIFR X CAN1/2/T IM12/13/ 14/QUAD SPI/LCD SAI2/QU ADSPI/O TG2_HS/ OTG1_FS ETH/ OTG1_FS FMC/SD MMC1/O TG2_FS DCMI LCD SYS |