전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F746ZG 데이터시트(PDF) 56 Page - STMicroelectronics

부품명 STM32F746ZG
상세설명  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F746ZG 데이터시트(HTML) 56 Page - STMicroelectronics

Back Button STM32F746ZG Datasheet HTML 52Page - STMicroelectronics STM32F746ZG Datasheet HTML 53Page - STMicroelectronics STM32F746ZG Datasheet HTML 54Page - STMicroelectronics STM32F746ZG Datasheet HTML 55Page - STMicroelectronics STM32F746ZG Datasheet HTML 56Page - STMicroelectronics STM32F746ZG Datasheet HTML 57Page - STMicroelectronics STM32F746ZG Datasheet HTML 58Page - STMicroelectronics STM32F746ZG Datasheet HTML 59Page - STMicroelectronics STM32F746ZG Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 227 page
background image
Pinouts and pin description
STM32F745xx STM32F746xx
56/227
DocID027590 Rev 4
-
-
H11
20
L32629
L3
PF8
I/O FT
-
SPI5_MISO,
SAI1_SCK_B,
UART7_RTS,
TIM13_CH1,
QUADSPI_BK1_IO0,
EVENTOUT
ADC3_IN6
-
-
G8
21
L2
27
30
L2
PF9
I/O FT
-
SPI5_MOSI, SAI1_FS_B,
UART7_CTS,
TIM14_CH1,
QUADSPI_BK1_IO1,
EVENTOUT
ADC3_IN7
-
-
G9
22
L1
28
31
L1
PF10
I/O FT
-
DCMI_D11, LCD_DE,
EVENTOUT
ADC3_IN8
12
C1
J11
23G129
32
G1
PH0-
OSC_IN(
PH0)
I/O FT
-
EVENTOUT
OSC_IN(4)
13
D1
H10
24
H1
30
33
H1
PH1-
OSC_OU
T(PH1)
I/O FT
-
EVENTOUT
OSC_OUT(4)
14
E1
H9
25
J1
31
34
J1
NRST
I/O
RS
T
--
-
15
F1
H8
26
M2
32
35
M2
PC0
I/O FT (4)
SAI2_FS_B,
OTG_HS_ULPI_STP,
FMC_SDNWE, LCD_R5,
EVENTOUT
ADC123_IN1
0
16
F2
K11
27M333
36
M3
PC1
I/O FT (4)
TRACED0,
SPI2_MOSI/I2S2_SD,
SAI1_SD_A, ETH_MDC,
EVENTOUT
ADC123_IN1
1,
RTC_TAMP3,
WKUP3
17
E2
J10
28M434
37
M4
PC2
I/O FT (4)
SPI2_MISO,
OTG_HS_ULPI_DIR,
ETH_MII_TXD2,
FMC_SDNE0,
EVENTOUT
ADC123_IN1
2
Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued)
Pin Number
Pin
name
(function
after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More