전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F756ZG 데이터시트(PDF) 64 Page - STMicroelectronics

부품명 STM32F756ZG
상세설명  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, crypto, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F756ZG 데이터시트(HTML) 64 Page - STMicroelectronics

Back Button STM32F756ZG Datasheet HTML 60Page - STMicroelectronics STM32F756ZG Datasheet HTML 61Page - STMicroelectronics STM32F756ZG Datasheet HTML 62Page - STMicroelectronics STM32F756ZG Datasheet HTML 63Page - STMicroelectronics STM32F756ZG Datasheet HTML 64Page - STMicroelectronics STM32F756ZG Datasheet HTML 65Page - STMicroelectronics STM32F756ZG Datasheet HTML 66Page - STMicroelectronics STM32F756ZG Datasheet HTML 67Page - STMicroelectronics STM32F756ZG Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 228 page
background image
Pinouts and pin description
STM32F756xx
64/228
DocID027589 Rev 4
53
H10
K3
75
R14
94
106 R14
PB14
I/O FT
-
TIM1_CH2N,
TIM8_CH2N,
SPI2_MISO,
USART3_RTS,
TIM12_CH1,
OTG_HS_DM,
EVENTOUT
-
54 G10
J3
76
R15
95
107 R15
PB15
I/O FT
-
RTC_REFIN,
TIM1_CH3N,
TIM8_CH3N,
SPI2_MOSI/I2S2_SD,
TIM12_CH2,
OTG_HS_DP,
EVENTOUT
-
55
K9
L2
77
P15
96
108 L15
PD8
I/O FT
-
USART3_TX,
SPDIFRX_IN11,
FMC_D13, EVENTOUT
-
56
J9
M1
78
P14
97
109 L14
PD9
I/O FT
-
USART3_RX, FMC_D14,
EVENTOUT
-
57
H9
H4
79
N15
98
110 K15
PD10
I/O FT
-
USART3_CK, FMC_D15,
LCD_B3, EVENTOUT
-
58
G9
K2
80
N14
99
111 N10
PD11
I/O FT
-
I2C4_SMBA,
USART3_CTS,
QUADSPI_BK1_IO0,
SAI2_SD_A,
FMC_A16/FMC_CLE,
EVENTOUT
-
59
K10
H6
81
N13 100 112 M10
PD12
I/O FT
-
TIM4_CH1, LPTIM1_IN1,
I2C4_SCL,
USART3_RTS,
QUADSPI_BK1_IO1,
SAI2_FS_A,
FMC_A17/FMC_ALE,
EVENTOUT
-
60
J10
H5
82 M15 101 113 M11
PD13
I/O FT
-
TIM4_CH2,
LPTIM1_OUT, I2C4_SDA,
QUADSPI_BK1_IO3,
SAI2_SCK_A, FMC_A18,
EVENTOUT
-
Table 10. STM32F756xx pin and ball definition (continued)
Pin Number
Pin
name
(function
after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More