| 전자부품 데이터시트 검색엔진 |
|
STM32L072VB 데이터시트(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L072VB 데이터시트(HTML) 80 Page - STMicroelectronics |
|
80 / 147 page ![]() Electrical characteristics STM32L072xx 80/147 DocID027100 Rev 3 6.3.6 External clock source characteristics High-speed external user clock generated from an external source In bypass mode the HSE oscillator is switched off and the input pin is a standard GPIO.The external clock signal has to respect the I/O characteristics in Section 6.3.12. However, the recommended clock input waveform is shown in Figure 21. Figure 21. High-speed external clock source AC timing diagram Table 43. High-speed external user clock characteristics(1) 1. Guaranteed by design. Symbol Parameter Conditions Min Typ Max Unit fHSE_ext User external clock source frequency CSS is on or PLL is used 18 32 MHz CSS is off, PLL not used 08 32 MHz VHSEH OSC_IN input pin high level voltage - 0.7VDD -VDD V VHSEL OSC_IN input pin low level voltage VSS -0.3VDD tw(HSE) tw(HSE) OSC_IN high or low time 12 - - ns tr(HSE) tf(HSE) OSC_IN rise or fall time - - 20 Cin(HSE) OSC_IN input capacitance - 2.6 - pF DuCy(HSE) Duty cycle 45 - 55 % IL OSC_IN Input leakage current VSS VIN VDD -- ±1 µA |