| 전자부품 데이터시트 검색엔진 |
|
STM32L475VC 데이터시트(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L475VC 데이터시트(HTML) 57 Page - STMicroelectronics |
|
57 / 193 page ![]() DocID027692 Rev 2 57/193 STM32L475xx Pinouts and pin description 79 12 - VSSA/VREF- - - - - - - 21 VREF+ S - - - VREFBUF_OUT -22 VDDA S - - - - 13 - VDDA/VREF+ S - - - - 14 23 PA0 I/O FT_a - TIM2_CH1, TIM5_CH1, TIM8_ETR, USART2_CTS, UART4_TX, SAI1_EXTCLK, TIM2_ETR, EVENTOUT OPAMP1_VINP, ADC12_IN5, RTC_TAMP2/WKUP1 15 24 PA1 I/O FT_a - TIM2_CH2, TIM5_CH2, USART2_RTS_DE, UART4_RX, TIM15_CH1N, EVENTOUT OPAMP1_VINM, ADC12_IN6 16 25 PA2 I/O FT_a - TIM2_CH3, TIM5_CH3, USART2_TX, SAI2_EXTCLK, TIM15_CH1, EVENTOUT ADC12_IN7, WKUP4/LSCO 17 26 PA3 I/O TT - TIM2_CH4, TIM5_CH4, USART2_RX, TIM15_CH2, EVENTOUT OPAMP1_ VOUT, ADC12_IN8 18 27 VSS S - - - - 19 28 VDD S - - - - 20 29 PA4 I/O TT_a - SPI1_NSS, SPI3_NSS, USART2_CK, SAI1_FS_B, LPTIM2_OUT, EVENTOUT ADC12_IN9, DAC1_OUT1 21 30 PA5 I/O TT_a - TIM2_CH1, TIM2_ETR, TIM8_CH1N, SPI1_SCK, LPTIM2_ETR, EVENTOUT ADC12_IN10, DAC1_OUT2 22 31 PA6 I/O FT_a - TIM1_BKIN, TIM3_CH1, TIM8_BKIN, SPI1_MISO, USART3_CTS, QUADSPI_BK1_IO3, TIM1_BKIN_COMP2, TIM8_BKIN_COMP2, TIM16_CH1, EVENTOUT OPAMP2_VINP, ADC12_IN11 23 32 PA7 I/O FT_a - TIM1_CH1N, TIM3_CH2, TIM8_CH1N, SPI1_MOSI, QUADSPI_BK1_IO2, TIM17_CH1, EVENTOUT OPAMP2_VINM, ADC12_IN12 24 33 PC4 I/O FT_a - USART3_TX, EVENTOUT COMP1_INM, ADC12_IN13 25 34 PC5 I/O FT_a - USART3_RX, EVENTOUT COMP1_INP, ADC12_IN14, WKUP5 Table 15. STM32L475xx pin definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |