| 전자부품 데이터시트 검색엔진 |
|
STM32L071xZ 데이터시트(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L071xZ 데이터시트(HTML) 43 Page - STMicroelectronics |
|
43 / 136 page ![]() DocID027101 Rev 3 43/136 STM32L071xx Pin descriptions 51 - - - 39 E8 - 65 E10 PC8 I/O FT - TIM22_ETR, TIM3_CH3 - - - - 40 D8 - 66 D12 PC9 I/O FTf - TIM21_ETR, TIM3_CH4, I2C3_SDA - 18 18 29 41 D7 D1 67 D11 PA8 I/O FTf - MCO, EVENTOUT, USART1_CK, I2C3_SCL - 19 19 30 42 C7 E2 68 D10 PA9 I/O FTf - MCO, USART1_TX, I2C1_SCL, I2C3_SMBA - 20 20 31 43 C6 C1 69 C12 PA10 I/O FTf - USART1_RX, I2C1_SDA - 21 21 32 44 C8 D2 70 B12 PA11 I/O FT - SPI1_MISO, EVENTOUT, USART1_CTS, COMP1_OUT - 22 22 33 45 B8 B1 71 A12 PA12 I/O FT - SPI1_MOSI, EVENTOUT, USART1_RTS_DE, COMP2_OUT - 23 23 34 46 A8 C2 72 A11 PA13 I/O FT - SWDIO, LPUART1_RX - - - --- - 73 C11 VDD S - - - - - 35 47 D5 - 74 F11 VSS S - - - - 24 36 48 E5 A1 75 G11 VDDIO2 S - - - 24 25 37 49 A7 B2 76 A10 PA14 I/O FT - SWCLK, USART2_TX, LPUART1_TX - 25 - 38 50 A6 A2 77 A9 PA15 I/O FT - SPI1_NSS, TIM2_ETR, EVENTOUT, USART2_RX, TIM2_CH1, USART4_RTS_DE - -- - 51 B7 - 78 B11 PC10 I/O FT - LPUART1_TX, USART4_TX - -- - 52 B6 - 79 C10 PC11 I/O FT - LPUART1_RX, USART4_RX - -- - 53 C5 - 80 B10 PC12 I/O FT - USART5_TX, USART4_CK - Table 15. STM32L071xxx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |