| 전자부품 데이터시트 검색엔진 |
|
USB5742T-I/2G 데이터시트(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5742T-I/2G 데이터시트(HTML) 38 Page - Microchip Technology |
|
38 / 46 page ![]() USB5742 DS00002016B-page 38 2015-2016 Microchip Technology Inc. 10.0 PACKAGE INFORMATION 10.1 Package Marking Information * Standard device marking consists of Microchip part number, year code, week code and traceability code. For device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price. Legend: i Temperature range designator (Blank = commercial, i = industrial) R Product revision nnn Internal code e3 Pb-free JEDEC® designator for Matte Tin (Sn) V Plant of assembly COO Country of origin YY Year code (last two digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 56-VQFN (7x7 mm) PIN 1 USB5742i Rnnn e3 VCOO YYWWNNN e3 |