전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HTS221TR 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 HTS221TR
상세설명  Capacitive digital sensor for relative humidity and temperature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HTS221TR 데이터시트(HTML) 4 Page - STMicroelectronics

  HTS221TR Datasheet HTML 1Page - STMicroelectronics HTS221TR Datasheet HTML 2Page - STMicroelectronics HTS221TR Datasheet HTML 3Page - STMicroelectronics HTS221TR Datasheet HTML 4Page - STMicroelectronics HTS221TR Datasheet HTML 5Page - STMicroelectronics HTS221TR Datasheet HTML 6Page - STMicroelectronics HTS221TR Datasheet HTML 7Page - STMicroelectronics HTS221TR Datasheet HTML 8Page - STMicroelectronics HTS221TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
List of tables
HTS221
4/33
DocID026333 Rev 4
List of tables
Table 1.
Device summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Table 2.
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Table 3.
Humidity and temperature parameter specifications. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Table 4.
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Table 5.
SPI slave timing values. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Table 6.
I²C slave timing values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 7.
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 8.
Serial interface pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 9.
Serial interface pin description I2C terminology . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 10.
SAD + Read/Write patterns . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 11.
Transfer when master is writing one byte to slave . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 12.
Transfer when master is writing multiple bytes to slave . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 13.
Transfer when master is receiving (reading) one byte of data from slave . . . . . . . . . . . . . 16
Table 14.
Transfer when master is receiving (reading) multiple bytes of data from slave . . . . . . . . . 16
Table 15.
Register address map. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Table 16.
Humidity and temperature average configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Table 17.
Output data rate configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Table 18.
Typical power consumption with heater ON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Table 19.
Decoding the coefficients in the sensor Flash . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Table 20.
HLGA-6L (2 x 2 x 0.9 mm) mechanical data outer dimensions . . . . . . . . . . . . . . . . . . . . . 29
Table 21.
Reel dimensions for carrier tape of HLGA-6L package . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Table 22.
Document revision history. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33