| 전자부품 데이터시트 검색엔진 |
|
STM32F301X6 데이터시트(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F301X6 데이터시트(HTML) 29 Page - STMicroelectronics |
|
29 / 135 page ![]() DocID025146 Rev 6 29/135 STM32F301x6 STM32F301x8 Functional overview 51 Table 10. Capacitive sensing GPIOs available on STM32F301x6/8 devices Group Capacitive sensing signal name Pin name 1 TSC_G1_IO1 PA0 TSC_G1_IO2 PA1 TSC_G1_IO3 PA2 TSC_G1_IO4 PA3 2 TSC_G2_IO1 PA4 TSC_G2_IO2 PA5 TSC_G2_IO3 PA6 TSC_G2_IO4 PA7 3 TSC_G3_IO1 PC5 TSC_G3_IO2 PB0 TSC_G3_IO3 PB1 TSC_G3_IO4 PB2 4 TSC_G4_IO1 PA9 TSC_G4_IO2 PA10 TSC_G4_IO3 PA13 TSC_G4_IO4 PA14 5 TSC_G5_IO1 PB3 TSC_G5_IO2 PB4 TSC_G5_IO3 PB6 TSC_G5_IO4 PB7 6 TSC_G6_IO1 PB11 TSC_G6_IO2 PB12 TSC_G6_IO3 PB13 TSC_G6_IO4 PB14 Table 11. No. of capacitive sensing channels available on STM32F301x6/8 devices Analog I/O group Number of capacitive sensing channels STM32F301Rx STM32F301Cx STM32F301Kx G1 3 3 3 G2 3 3 3 G3 3 2 1 G4 3 3 3 G5 3 3 3 |