전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F301x8 데이터시트(PDF) 32 Page - STMicroelectronics

부품명 STM32F301x8
상세설명  ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301x8 데이터시트(HTML) 32 Page - STMicroelectronics

Back Button STM32F301x8 Datasheet HTML 28Page - STMicroelectronics STM32F301x8 Datasheet HTML 29Page - STMicroelectronics STM32F301x8 Datasheet HTML 30Page - STMicroelectronics STM32F301x8 Datasheet HTML 31Page - STMicroelectronics STM32F301x8 Datasheet HTML 32Page - STMicroelectronics STM32F301x8 Datasheet HTML 33Page - STMicroelectronics STM32F301x8 Datasheet HTML 34Page - STMicroelectronics STM32F301x8 Datasheet HTML 35Page - STMicroelectronics STM32F301x8 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 135 page
background image
Pinouts and pin description
STM32F301x6 STM32F301x8
32/135
DocID025146 Rev 6
4
Pinouts and pin description
Figure 4. STM32F301x6/8 UFQFN32 pinout
1. The above figure shows the package top view.
Figure 5. STM32F301x6/8 LQFP48 pinout
1. The above figure shows the package top view.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More