| 전자부품 데이터시트 검색엔진 |
|
VIPER013XS 데이터시트(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER013XS 데이터시트(HTML) 11 Page - STMicroelectronics |
|
11 / 36 page ![]() VIPer01 Electrical and thermal ratings DocID028751 Rev 1 11/36 Symbol Parameter Test conditions Min. Typ. Max. Unit Oscillator FOSC Switching frequency TJ = 25 °C VIPer01*X 27 30 33 kHz TJ = 25 °C VIPer01*L 54 60 66 TJ = 25 °C VIPer01*H 108 120 132 FOSC_MIN Minimum switching frequency TJ = 25 °C (2) 13.5 15 16.5 kHz FD Modulation depth (3) ±7 FOSC % FM Modulation frequency (3) 260 Hz DMAX Max. duty cycle (3) 70 80 % Thermal shutdown TSD Thermal shutdown temperature (3) 150 160 °C Notes: (1) See Section 5.10: "Pulse frequency modulation". (2) See Section 5.7: "Pulse-skipping". (3) Parameter assured by design and characterization. |